Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC491 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC491
Description  Differential Driver and Receiver Pair
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC491 Datasheet(HTML) 4 Page - Linear Technology

  LTC491 Datasheet HTML 1Page - Linear Technology LTC491 Datasheet HTML 2Page - Linear Technology LTC491 Datasheet HTML 3Page - Linear Technology LTC491 Datasheet HTML 4Page - Linear Technology LTC491 Datasheet HTML 5Page - Linear Technology LTC491 Datasheet HTML 6Page - Linear Technology LTC491 Datasheet HTML 7Page - Linear Technology LTC491 Datasheet HTML 8Page - Linear Technology LTC491 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC491
4
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TTL Input Threshold vs Temperature
Driver Skew vs Temperature
Supply Current vs Temperature
Driver Output High Voltage vs
Driver Differential Output Voltage vs
Driver Output Low Voltage vs
Output Current TA = 25°C
Output Current TA = 25°C
Output Current TA = 25°C
OUTPUT VOLTAGE (V)
0
0
–24
– 48
–72
–96
12
3
4
LTC491 • TPC01
OUTPUT VOLTAGE (V)
0
0
20
40
60
80
12
3
4
LTC491 • TPC03
TEMPERATURE (
°C )
–50
1.55
1.57
1.59
1.61
1.63
0
50
100
LTC491 • TPC04
TEMPERATURE (
°C )
–50
1.5
1.7
1.9
2.1
2.3
0
50
100
LTC491 • TPC07
Driver Differential Output Voltage vs
Receiver
 tPLH tPHL vs
Receiver Output Low Voltage vs
Temperature RO = 54Ω
Temperature
Temperature at I = 8mA
TEMPERATURE (
°C )
–50
0
0.2
0.4
0.6
0.8
0
50
100
LTC491 • TPC09
TEMPERATURE (
°C )
–50
3.0
4.0
5.0
6.0
7.0
0
50
100
LTC491 • TPC08
TEMPERATURE (
°C )
–50
1.0
2.0
3.0
4.0
5.0
0
50
100
LTC491 • TPC05
TEMPERATURE (
°C )
–50
310
320
330
340
350
0
50
100
LTC491 • TPC06
OUTPUT VOLTAGE (V)
0
0
16
32
48
64
12
3
4
LTC491 • TPC02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com