Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC488IN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC488IN
Description  Quad RS485 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC488IN Datasheet(HTML) 3 Page - Linear Technology

  LTC488IN Datasheet HTML 1Page - Linear Technology LTC488IN Datasheet HTML 2Page - Linear Technology LTC488IN Datasheet HTML 3Page - Linear Technology LTC488IN Datasheet HTML 4Page - Linear Technology LTC488IN Datasheet HTML 5Page - Linear Technology LTC488IN Datasheet HTML 6Page - Linear Technology LTC488IN Datasheet HTML 7Page - Linear Technology LTC488IN Datasheet HTML 8Page - Linear Technology LTC488IN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC488/LTC489
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tZL
Receiver Enable to Output Low
CL = 15pF (Figures 2, 4) S1 Closed
q
30
60
ns
tZH
Receiver Enable to Output High
CL = 15pF (Figures 2, 4) S2 Closed
q
30
60
ns
tLZ
Receiver Disable from Low
CL = 15pF (Figures 2, 4) S1 Closed
q
30
60
ns
tHZ
Receiver Disable from High
CL = 15pF (Figures 2, 4) S2 Closed
q
30
60
ns
The q denotes specifications that apply over the operating temperature
range.
Note 1: Absolute Maximum Ratings are those beyond which the safety of
the device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: All typicals are given for VCC = 5V and TA = 25°C.
VCC = 5V ± 5% (Notes 2, 3), unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
C
D
OUTPUT VOLTAGE (V)
0
0
16
1.0
488 G04
8
0.5
1.5
24
32
2.0
4
12
20
28
36
Receiver Output Low Voltage vs
Output Current at TA = 25°C
OUTPUT VOLTAGE (V)
5
0
–8
488 G03
–4
43
–12
–16
2
–2
–6
–10
–14
–18
Receiver Output High Voltage vs
Output Current at TA = 25°C
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Receiver Output Low Voltage vs
Temperature at I = 8mA
TEMPERATURE (°C)
–50
0
0.1
0.3
0.4
0.5
50
0.9
488 G01
0.2
–25
125
0.6
0.7
0.8
0
25
75
100
TEMPERATURE (°C)
–50
3.0
3.8
50
488 G02
3.4
–25
125
4.2
4.6
0
25
75
100
4.8
4.4
4.0
3.6
3.2
Receiver Output High Voltage vs
Temperature at I = 8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com