Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40V Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS40V
Description  DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS40V Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS40V_15 Datasheet HTML 1Page - Diodes Incorporated BAS40V_15 Datasheet HTML 2Page - Diodes Incorporated BAS40V_15 Datasheet HTML 3Page - Diodes Incorporated BAS40V_15 Datasheet HTML 4Page - Diodes Incorporated BAS40V_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS40V
Document number: DS30561 Rev. 8 - 2
1 of 5
www.diodes.com
May 2015
© Diodes Incorporated
BAS40V
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
Low Forward Voltage Drop
Fast Switching
PN Junction Guard Ring for Transient and ESD Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case:
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish
Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.003 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
BAS40V-7
SOT-563
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2007
2008
2009
2010
2011
2012
2013
2014
2015
2016
2017
2018
Code
U
V
W
X
Y
Z
A
B
C
D
E
F
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Bottom View
Device Schematic
C
1
NC
A2
C2
A1
NC
SOT-563
KAN = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: R = 2004)
M = Month (ex: 9 = September)
KAN YM
SOT-563


Similar Part No. - BAS40V_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40V DIODES-BAS40V_1 Datasheet
71Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 3 - 2
logo
Micro Commercial Compon...
BAS40V MCC-BAS40V_14 Datasheet
280Kb / 3P
150mW Schottky Diodes
More results

Similar Description - BAS40V_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54DW DIODES-BAT54DW Datasheet
44Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 3 - 2
SDM20E40C DIODES-SDM20E40C Datasheet
56Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. B-2
BAT54DW DIODES-BAT54DW_1 Datasheet
364Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 8 - 2
SDM20E40C DIODES-SDM20E40C_1 Datasheet
76Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. 6 - 2
BAT54DW DIODES-BAT54DW_08 Datasheet
122Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 11 - 2
SDM40E20L DIODES-SDM40E20L_08 Datasheet
123Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 June 2008
BAS40V DIODES-BAS40V_08 Datasheet
122Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 4 - 2
SDM20E40C DIODES-SDM20E40C_15 Datasheet
91Kb / 4P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 9
SDM40E20L DIODES-SDM40E20L_15 Datasheet
123Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
SDM20N40A DIODES-SDM20N40A_15 Datasheet
80Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com