Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DA1774QLP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2DA1774QLP
Description  40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1774QLP Datasheet(HTML) 2 Page - Diodes Incorporated

  2DA1774QLP_15 Datasheet HTML 1Page - Diodes Incorporated 2DA1774QLP_15 Datasheet HTML 2Page - Diodes Incorporated 2DA1774QLP_15 Datasheet HTML 3Page - Diodes Incorporated 2DA1774QLP_15 Datasheet HTML 4Page - Diodes Incorporated 2DA1774QLP_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2DA1774QLP
Document number: DS31438 Rev. 5 - 2
2 of 5
www.diodes.com
May 2015
© Diodes Incorporated
2DA1774QLP
Absolute Maximum Ratings (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
400
mW
(Note 6)
1,000
Thermal Resistance, Junction to Ambient
(Note 5)
RJA
310
°C/W
(Note 6)
120
Thermal Resistance, Junction to Lead
(Note 7)
RJL
120
°C/W
Operating and Storage and Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 8)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
200
V
B
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Collector-Base Breakdown Voltage
BVCBO
-50
V
IC = -50µA, IE = 0
Collector-Emitter Breakdown Voltage
BVCEO
-40
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-5.0
V
IE = -50 µA, IC = 0
Collector Cutoff Current
ICBO
-100
-5
nA
A
VCB = -30V
VCB = -30V, TA = +150°C
Emitter Cutoff Current
IEBO
-100
nA
VEB = -4.0V
ON CHARACTERISTICS (Note 9)
DC Current Gain
hFE
120
270
VCE = -6.0V, IC = -1.0mA
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.2
V
IC = -50mA, IB = -5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
5.0
pF
VCB = -12V, f = 1.0MHz, IE = 0
Current Gain-Bandwidth Product
fT
100
MHz
VCE = -12V, IC = -2.0mA,
f = 100MHz
Notes:
5. For the device mounted on minimum recommended pad layout 1oz copper that is on a single-sided 1.6mm FR4 PCB; device is measured under still air
conditions whilst operating in steady state condition. The entire exposed collector pad is attached to the heatsink.
6. Same as Note 5, except the exposed collector pad is mounted on 25mm x 25mm 2oz copper.
7. Thermal resistance from junction to solder-point (on the exposed collector pad).
8. Refer to JEDEC specification JESD22-A114 and JESD22-A115.
9. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com