Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH1078M Datasheet(PDF) 2 Page - Linear Technology

Part # RH1078M
Description  Micropower, Dual, Single Supply Precision Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1078M Datasheet(HTML) 2 Page - Linear Technology

  RH1078M Datasheet HTML 1Page - Linear Technology RH1078M Datasheet HTML 2Page - Linear Technology RH1078M Datasheet HTML 3Page - Linear Technology RH1078M Datasheet HTML 4Page - Linear Technology RH1078M Datasheet HTML 5Page - Linear Technology RH1078M Datasheet HTML 6Page - Linear Technology RH1078M Datasheet HTML 7Page - Linear Technology RH1078M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
RH1078M
TABLE 1: ELECTRICAL CHARACTERISTICS
VS = 5V, VCM = 0.1V, VOUT = 1.4V unless otherwise specified.
(Preirradiation)
TA = 25°C
SUB-
SUB-
SYMBOL
PARAMETER
CONDITIONS
NOTES MIN
TYP MAX GROUP MIN
TYP
MAX GROUP
UNITS
VOS
Input Offset Voltage
120
4
370
2, 3
µV
∆VOS
Average Tempco of
0.5
µV/°C
∆Temp
Offset Voltage
∆VOS
Long Term VOS Stability
0.5
µV/Month
∆Time
IOS
Input Offset Current
0.8
1
1.5
2, 3
nA
IB
Input Bias Current
15
1
18
2, 3
nA
en
Input Noise Voltage
0.1Hz to 10Hz
1
0.5
µVP-P
Input Noise Voltage Density
fO = 10Hz
1
25
nV/
√Hz
fO = 1kHz
1
24
nV/
√Hz
in
Input Noise Current
0.1Hz to 10Hz
1
2.6
pAP-P
Input Noise Current Density
fO = 10Hz
1
0.07
pA/
√Hz
fO = 1kHz
1
0.025
pA/
√Hz
RIN
Input Resistance Differential
2
600
M
Ω
Common Mode
2
5
G
Ω
Input Voltage Range
2
3.5
1
3.20
2, 3
V
2
0
1
0.05
2, 3
V
CMRR
Common-Mode
VCM = 0V to 3.5V
94
1
dB
Rejection Ratio
VCM = 0.05V to 3.2V
88
2, 3
dB
PSRR
Power Supply
VS = 2.3V to 12V
100
1
dB
Rejection Ratio
VS = 3.1V to 12V
94
2, 3
dB
AVOL
Large-Signal Voltage Gain
VO = 0.03V to 4V, No Load
150
1
V/mV
VO = 0.03V to 3.5V, RL = 50k
120
1
V/mV
VO = 0.05V to 4V, No Load
80
2, 3
V/mV
VO = 0.05V to 3.5V, RL = 50k
60
2, 3
V/mV
VOUT
Output Voltage Swing
Output Low, No Load
6
4
8
5, 6
mV
Output Low, 2k to GND
2
4
mV
Output Low, ISINK = 100µA
130
4
170
5, 6
mV
Output High, No Load
4.2
4
3.9
5, 6
V
Output High, 2k to GND
3.5
4
3.0
5, 6
V
SR
Slew Rate
AV = 1, VS = ±2.5V
0.04
4
V/
µs
GBW
Gain-Bandwidth Product
fO ≤ 20kHz
200
kHz
IS
Supply Current
per Amplifier
75
1
95
2, 3
µA
Channel Separation
∆VIN = 3V, RL = 10k
130
dB
Minimum Supply Voltage
3
2.3
V
–55
°C ≤ T
A ≤ 125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com