Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FO6CB Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # FO6CB
Description  Furcation Kits Fan-Out Kits LC Sr./Sr. Fiber Optic Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FO6CB Datasheet(HTML) 1 Page - PANDUIT CORP.

  FO6CB Datasheet HTML 1Page - PANDUIT CORP. FO6CB Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
PHYSICAL INFRASTRUCTURE SYSTEMS
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
Furcation Kits
• Used to build up 900μm fiber to 3mm jacketed fiber to
strengthen and protect the fiber
• Include furcation tubing with strength members and
heat shrink
• Length: 1 meter
FK2BJ
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
FK2BJ
Build up 900μm fiber to 3mm jacketed fiber; for two fibers.
1
10
FK4BJ
Build up 900μm fiber to 3mm jacketed fiber; for four fibers.
1
10
Fan-Out Kits
• Used to build up 250μm fiber to 900μm loose buffered
coating size for connector termination
• Include 900μm hollow tubing and plastic housings
• Include adhesive tape for mounting
• Include TEFLON* powder for easy insertion of fibers
• Length: 1 meter (39.37")
FO12CB
*TEFLON is a registered trademark of E.I. du Pont de Nemours and Company.
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
FO6CB
Build up 250μm fiber to 900μm loose buffered coating size; for
six fibers.
110
FO12CB
Build up 250μm fiber to 900μm loose buffered coating size; for
twelve fibers.
110
LC Sr./Sr. Fiber Optic Adapters
• TIA/EIA-604 FOCIS-10 compatible adapters
• Exceed TIA/EIA-568-B.3 requirements
• Adapter housing colors follow TIA/EIA-568-C.3 suggested
color identification scheme
• Sr./Sr. (Senior/Senior) adapters have a FOCIS-10 senior
adapter interface at each end
• Accept FOCIS-10 compatible senior LC connectors
• Choice of phosphor bronze or zirconia ceramic split
sleeves to fit specific network requirements; zirconia
ceramic split sleeves are recommended for OM3/OM4
multimode and OS1/OS2 singlemode applications
• LC simplex and duplex adapters are also available in
Opticom
®
Fiber Adapter Panels on page C.39 and in
QuickNet ™ Fiber Optic Cassettes on pages C.44 – C.53
of SA-NCCB51 to provide a complete LC system solution
• LC duplex adapters are also available in Mini-Com ®
Modules on pages C.32 – C.33
of SA-NCCB51
FADSLCEI-L
FADSLCZAQ-L
FADSLCBL-L
FASSLCZBU-L
Part Number
Part Description
Split
Sleeve
Material
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
LC Sr./Sr. Fiber Optic Adapters – 10Gig ™ OM3/OM4 50/125μm (Aqua)
FADSLCZAQ-L
LC Sr./Sr. 10Gig ™ SFF Duplex Multimode Fiber Optic
Adapter with zirconia ceramic split sleeves.
Zirconia
Ceramic
50
100
FADSLCAQ-L
LC Sr./Sr. 10Gig ™ SFF Duplex Multimode Fiber Optic
Adapter with phosphor bronze split sleeves.
Phosphor
Bronze
50
100
LC Sr./Sr. Fiber Optic Adapters – OM2 50/125μm (Black)
FADSLCBL-L
LC Sr./Sr. SFF duplex multimode fiber optic adapter with
phosphor bronze split sleeves.
Phosphor
Bronze
50
100
LC Sr./Sr. Fiber Optic Adapters – OM1 62.5μm (Electric Ivory)
FADSLCEI-L
LC Sr./Sr. SFF duplex multimode fiber optic adapter with
phosphor bronze split sleeves.
Phosphor
Bronze
50
100
LC Sr./Sr. Fiber Optic Adapters – OS1/OS2 9/125μm (Blue)
FASSLCZBU-L
LC Sr./Sr. SFF simplex singlemode fiber optic adapter
with zirconia ceramic split sleeve.
Zirconia
Ceramic
50
100
FADSLCZBU-L
LC Sr./Sr. SFF duplex singlemode fiber optic adapter with
zirconia ceramic split sleeves.
Zirconia
Ceramic
50
100


Similar Part No. - FO6CB

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FO6CB PANDUIT-FO6CB Datasheet
6Mb / 12P
Network Infrastructure for the Enterprise
More results

Similar Description - FO6CB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
Evaluation Kits
Rev 0; 7/04
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
Evaluation Kits
Rev 2; 5/01
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
Evaluation Kits
Rev 1; 5/01
logo
JDS Uniphase Corporatio...
FBE-SM1-C JDSU-FBE-SM1-C Datasheet
1Mb / 4P
Fiber Inspection and Cleaning Kits
logo
FCI connector
74883-005 FCI-CONNECTOR-74883-005 Datasheet
132Kb / 2P
FIBER OPTIC ADAPTERS
logo
Coilcraft lnc.
C422 COILCRAFT-C422 Datasheet
237Kb / 4P
Designers Kits
logo
PANDUIT CORP.
CMDSAQLCZBL PANDUIT-CMDSAQLCZBL Datasheet
73Kb / 2P
LC Sr./Sr. Mini-Com짰 Fiber Optic Adapter Modules
logo
celduc-relais
1LK00100 CELDUC-1LK00100 Datasheet
239Kb / 1P
MOUNTING KITS
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
Starter Kits
logo
Maxim Integrated Produc...
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
Evaluation Kits
Rev 4; 3/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com