Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED19FC-TEC Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED19FC-TEC
Description  Mid-Infrared Light Emitting Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED19FC-TEC Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED19FC-TEC Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED19FC-TEC Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06.10.2010
LED19FC-TEC
1 of 2
LED19FC-TEC
TECHNICAL DATA
Mid-Infrared Light Emitting Diode, Flip-Chip Design
Light Emitting Diodes with central wavelength 1.95 µm series are based on heterostructures grown
on GaSb substrates by LPE. Solid solutions AlGaAsSb are used in the active layer. Wide band gap
solid solutions AlGaAsSb with Al content 64% are used for good electron confinement.
LED19FC-TEC has a stable ouput power and a lifetime more then 80000 hours.
Features
• Structure: GaInAsSb/AlGaAsSb, Flip-Chip Design
• Peak Wavelength: typ. 1.95 µm
• Optical Ouput Power: typ. 1.0 mW qCW
• Package: TO-5, with TEC, thermistor and window
Specifications
Rating
Item
Condition
Min.
Typ.
Max.
Unit
Peak Wavelength
T=300 K
1.90
1.95
1.99
µm
FWHM
150 mA CW
100
150
200
nm
Quasi-CW
Optical Power
200 mA qCW
0.8
1.0
1.4
mW
Pulsed
Optical Power
1 A
20
25
35
mW
Switching Time
T=300 K
10
20
30
ns
Operation Voltage
200 mA qCW
V
Operating
Temperature
-240 … +50
°C
Emitting Area
670x770
µm
Soldering
Temperature
180
°C
Package
TO-5, with built-in thermocooler, thermoresistor,
with cap and quartz window
(Unit: mm)
Operating Regime
Quasi-CW
Maximum current 220 mA
Recommended current 150-200mA
Pulsed
Maximum current 1 A
(puls lenght 500 ns, repetition rate 2kHz)


Similar Part No. - LED19FC-TEC

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED19FC-TEC-PR ROITHNER-LED19FC-TEC-PR Datasheet
377Kb / 2P
Mid-Infrared Light Emitting Diode
More results

Similar Description - LED19FC-TEC

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED19FC-PR ROITHNER-LED19FC-PR Datasheet
349Kb / 2P
Mid-Infrared Light Emitting Diode
LED19FC-TEC-PR ROITHNER-LED19FC-TEC-PR Datasheet
377Kb / 2P
Mid-Infrared Light Emitting Diode
LED20FC-TEC ROITHNER-LED20FC-TEC Datasheet
302Kb / 2P
Mid-Infrared Light Emitting Diode
LED21FC-TEC ROITHNER-LED21FC-TEC Datasheet
305Kb / 2P
Mid-Infrared Light Emitting Diode
LED21-SMD3 ROITHNER-LED21-SMD3 Datasheet
199Kb / 2P
Mid-Infrared Light Emitting Diode
LED22FC-TEC-PR ROITHNER-LED22FC-TEC-PR Datasheet
379Kb / 2P
Mid-Infrared Light Emitting Diode
LED23FC-PR ROITHNER-LED23FC-PR Datasheet
354Kb / 2P
Mid-Infrared Light Emitting Diode
LED34-HIGH-SMD5 ROITHNER-LED34-HIGH-SMD5 Datasheet
281Kb / 2P
Mid-Infrared Light Emitting Diode
LED35-SMD3 ROITHNER-LED35-SMD3 Datasheet
205Kb / 2P
Mid-Infrared Light Emitting Diode
LED36-SMD3 ROITHNER-LED36-SMD3 Datasheet
202Kb / 2P
Mid-Infrared Light Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com