Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM3442 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3442
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3442 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM3442 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3442 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3442 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3442 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3442 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3442 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM3442 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TSM3442
Taiwan Semiconductor
Document Number: DS_P0000076
3
Version: B15
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TSM3442CX6 RFG
SOT-26
3,000pcs / 7” Reel
Note:
1.
Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC
2.
Halogen-free according to IEC 61249-2-21 definition



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com