Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GE85-C69 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # GE85-C69
Description  Grommet Edging
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

GE85-C69 Datasheet(HTML) 2 Page - PANDUIT CORP.

  GE85-C69 Datasheet HTML 1Page - PANDUIT CORP. GE85-C69 Datasheet HTML 2Page - PANDUIT CORP. GE85-C69 Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
mm
In.
mm
In.
mm
In.
Std.
Pkg.
Qty.‡
Temperature
Range
Color
Material
Panel Thickness Range
Height
B
Width
A
Part Number
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Grommet Edging (continued)
‡Reel packaging may contain splices. Contact Panduit Customer Service for further information.
Table continues on page C3.10
Solid – Use on straight edges only
GES36F-C
0.11
2.7
0.12
3.0
0.026 – 0.036
0.7 – 0.9
Polyethylene
Natural
-40°F – 122°F
(-40°C – 50°C)
1
GES36F-C0
0.11
2.7
0.12
3.0
0.026 – 0.036
0.7 – 0.9
Weather Resistant
Polyethylene
Black
1
GES62F-C
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Polyethylene
Natural
1
GES62F-C0
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Weather Resistant
Polyethylene
Black
1
GES99F-C
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Polyethylene
Natural
1
GES99F-C0
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Weather Resistant
Polyethylene
Black
1
GES144F-C
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Polyethylene
Natural
1
GES144F-C0
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Weather Resistant
Polyethylene
Black
1
GES189F-C
0.30
7.6
0.30
7.6
0.144 – 0.189
3.7 – 4.8
Polyethylene
Natural
1
GES189F-C0
0.30
7.6
0.30
7.6
0.144 – 0.189
3.7 – 4.8
Weather Resistant
Polyethylene
Natural
1
Slotted Adhesive Lined
GEE62F-A-C
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Polyethylene
Natural
-40°F – 122°F
(-40°C – 50°C)
1
GEE62F-A-C0
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Weather Resistant
Polyethylene
Black
1
GEE99F-A-C
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Polyethylene
Natural
1
GEE99F-A-C0
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Weather Resistant
Polyethylene
Black
1
GEE144F-A-C
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Polyethylene
Natural
1
GEE144F-A-C0
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Weather Resistant
Polyethylene
Black
1
Solid Adhesive Lined – Use on straight edges only
GES62F-A-C
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Polyethylene
Natural
-40°F – 122°F
(-40°C – 50°C)
1
GES62F-A-C0
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Weather Resistant
Polyethylene
Black
1
GES99F-A-C
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Polyethylene
Natural
1
GES99F-A-C0
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Weather Resistant
Polyethylene
Black
1
GES144F-A-C
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Polyethylene
Natural
1
GES144F-A-C0
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Weather Resistant
Polyethylene
Black
1
Slotted Flame Retardant
GEE36FR-CY
0.11
2.7
0.12
3.0
0.026 – 0.036
0.7 – 0.9
Flame Retardant
Polyethylene
Natural
-4°F – 167°F
(-20°C – 75°C)
1
GEE62FR-CY
0.13
3.3
0.16
4.1
0.036 – 0.062
0.9 – 1.6
Flame Retardant
Polyethylene
Natural
1
GEE99FR-CY
0.17
4.3
0.19
4.7
0.062 – 0.099
1.6 – 2.5
Flame Retardant
Polyethylene
Natural
1
GEE144FR-CY
0.21
5.4
0.22
5.6
0.099 – 0.144
2.5 – 3.7
Flame Retardant
Polyethylene
Natural
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com