Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KLPC Datasheet(PDF) 2 Page - Littelfuse

Part # KLPC
Description  KLPC Series POWR-PRO Class L Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KLPC Datasheet(HTML) 2 Page - Littelfuse

  KLPC Datasheet HTML 1Page - Littelfuse KLPC Datasheet HTML 2Page - Littelfuse KLPC Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8
KLPC Series POWR-PRO® Class L Fuses
600 VAC s Time-Delay s 200 – 6000 Amperes
AMPERES
200 – 800
1
3-3/4
5-3/4
6-3/4
—
—
8-5/8
—
—
2
2-1/2
3/8
5/8 x 1-1/8
—
(95.3)
(146.1) (171.5)
(219.1)
(50.8)
(63.5)
(9.5)
(15.9) x (28.6)
801 – 1200
2
3-3/4
5-3/4
6-3/4
9-1/4
9-1/2
10-3/4
—
—
2
2-1/2
3/8
5/8 x 3/4
5/8 x 1- 1/8
(95.3)
(146.1) (171.5) (235.0)
(241.3) (273.1)
(50.8)
(63.5)
(9.5)
(15.9) X (19.1)
(15.9) X (28.6)
1201 – 1600
2
3-3/4
5-3/4
6-3/4
9-1/4
9-1/2
10-3/4
—
—
2-3/8
3
7/16
5/8 X 3/4
5/8 X 1- 1/8
(95.3)
(146.1) (171.5) (235.0)
(241.3) (273.1)
(60.3)
(76.2)
(11.1)
(15.9) X (19.1)
(15.9) X (28.6)
1601 – 2000
2
3-3/4
5-3/4
6-3/4
9-1/4
9-1/2
10-3/4
—
—
2-3/4
3-1/2
1/2
5/8 x 3/4
5/8 x 1- 1/8
(95.3)
(146.1) (171.5) (235.0)
(241.3) (273.1)
(69.9)
(88.9)
(12.7)
(15.9) x (19.1)
(15.9) x (28.6)
2001 – 2500
3
4
5-3/4
6-3/4
9-1/4
9-1/2
10- 3/4
1-5/8
1-3/4
3-1/2
5
3/4
5/8 X 3/4
5/8 X 1- 1/8
101.6)
(146.1) (171.5) (235.0)
(241.3) (273.1)
(41.3)
(44.5)
(88.9)
(127.0)
(19.1)
(15.9) x (19.1)
(15.9) x (28.6)
2501 – 3000
3
4
5-3/4
6-3/4
9-1/4
9-1/2
10- 3/4
1-5/8
1-3/4
4
5
3/4
5/8 x 3/4
5/8 x 1- 1/8
(101.6) (146.1) (171.5) (235.0)
(241.3) (273.1)
(41.3)
(44.5)
(101.6)
(127.0)
(19.1)
(15.9) x (19.1)
(15.9) x (28.6)
3001 – 4000
4
4
5-3/4
6-3/4
9-1/4
9-1/2
10- 3/4
1-3/4
3-1/4
4-3/4
5-3/4
3/4
5/8 x 1-3/8
5/8 x 1-3/8
(101.6) (146.1) (171.5) (235.0)
(241.3) (273.1)
(44.5)
(82.6)
(120.7)
(146.1)
(19.1)
(15.9) x (34.9)
(15.9) x (34.9)
4001 – 5000
5
4
5-3/4
—
9-1/4
—
10-3/4
1-5/8
3-1/4
5-1/4
7-1/8
1
5/8 DIA.
—
(101.6)
(146.1)
(235.0)
(273.1)
(41.3)
(82.6)
(133.4)
(181.0) (25.4)
(15.9)
5001 – 6000
5
4
5-3/4
—
9-1/4
—
10-3/4
1-5/8
3-1/4
5-3/4
7-1/8
1
5/8 DIA.
—
(101.6) (146.1)
(235.0)
(273.1)
(41.3)
(82.6)
(146.1)
(181.0) (25.4)
(15.9)
ABC
D
E
F
G
H
J
K
L
M
N
FIG.
NO.
DIMENSIONS IN INCHES (mm in parentheses)
B
C
J
F
M
FIG.1
A
A
B
C
J
DE F
N
M
FIG.2
DE
F
A
B
C
G
H
N
M
J
FIG. 3
B
D
G
AF
H
J
M
FIG. 5
N
M
G
DE F
A
B
C
H
J
FIG. 4
K
L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com