Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP0150ALP4 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DP0150ALP4
Description  50V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DP0150ALP4 Datasheet(HTML) 4 Page - Diodes Incorporated

  DP0150ALP4_15 Datasheet HTML 1Page - Diodes Incorporated DP0150ALP4_15 Datasheet HTML 2Page - Diodes Incorporated DP0150ALP4_15 Datasheet HTML 3Page - Diodes Incorporated DP0150ALP4_15 Datasheet HTML 4Page - Diodes Incorporated DP0150ALP4_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DP0150ALP4 / DP0150BLP4
Document number: DS31493 Rev. 7 - 2
4 of 5
www.diodes.com
May 2015
© Diodes Incorporated
DP0150ALP4 / DP0150BLP4
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
0
50
100
150
200
250
0
2
4
6
8
10
-I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Gain-Bandwidth Product
vs. Collector Current
V
= -6V
f = 30MHz
CE
X2-DFN1006-3
Dim
Min
Max
Typ
A
0.40
A1
0
0.05
0.02
b1
0.10
0.20
0.15
b2
0.45
0.55
0.50
D
0.95
1.05
1.00
E
0.55
0.65
0.60
e


0.35
L1
0.20
0.30
0.25
L2
0.20
0.30
0.25
L3


0.40
All Dimensions in mm
Dimensions
Value (in mm)
Z
1.1
G1
0.3
G2
0.2
X
0.7
X1
0.25
Y
0.4
C
0.7
L2
A1
E
b2
L1
L3
D
e
b1
A
Y
C
G1
G2
X
X
1
Z



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com