Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78363A Datasheet(PDF) 6 Page - NEC

Part # UPD78363A
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78363A Datasheet(HTML) 6 Page - NEC

Back Button UPD78363A Datasheet HTML 2Page - NEC UPD78363A Datasheet HTML 3Page - NEC UPD78363A Datasheet HTML 4Page - NEC UPD78363A Datasheet HTML 5Page - NEC UPD78363A Datasheet HTML 6Page - NEC UPD78363A Datasheet HTML 7Page - NEC UPD78363A Datasheet HTML 8Page - NEC UPD78363A Datasheet HTML 9Page - NEC UPD78363A Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
µPD78363A, 78365A, 78366A, 78368A
6
49
Can be set in input or output mode in units
of 8 bits. In external memory expansion
mode, this port functions as multiplexed
address/data bus (AD0-AD7).
Can be set in input or output mode in
1-bit units. In external memory expansion
mode, this port functions as address bus
(A8-A15).
Can be set in input or output mode in
1-bit units. In external memory expansion
mode, P90 outputs RD strobe signal, and
P91 outputs WR strobe signal.
Sets port 4 in input or output mode in units
of 8 bits. In external memory expansion
mode, sets memory expansion width of ports
4 and 5.
Sets port 5 in input or output mode in
1-bit units.
• In ordinary operation mode:
MODE0, 1 = LL
• In ROM-less mode:
MODE0, 1 = HH
DIFFERENCES BETWEEN
µPD78363A, 78365A, 78366A, AND 78368A
ROM
Internal ROM
RAM
Input
I/O lines
I/O
Port 4 (P40-P47)
Port 5 (P50-P57)
Port 9 (P90-P93)
Memory expansion
mode register (MM)
Port 5 mode
register (PM5)
Setting of
MODE0, MODE1
Product name
Item
24K bytes
32K bytes
48K bytes
None
786 bytes
2K bytes
14 (of which 8 are multiplexed with analog input)
31
Always functions as multiplexed address/
data bus (AD0-AD7).
Always functions as address bus (A8-A15)
P90 always functions as RD strobe signal
output pin, and P91 always functions as WR
strobe signal output pin. P92 and P93
function as I/O port lines.
Always fixed to external memory expansion
mode.
None
• Always set as follows:
MODE0, 1 = HH
µPD78363A
µPD78366A
µPD78365A
µPD78368A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com