Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L10C11 Datasheet(PDF) 3 Page - LOGIC Devices Incorporated

Part # L10C11
Description  4/8-bit Variable Length Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L10C11 Datasheet(HTML) 3 Page - LOGIC Devices Incorporated

  L10C11 Datasheet HTML 1Page - LOGIC Devices Incorporated L10C11 Datasheet HTML 2Page - LOGIC Devices Incorporated L10C11 Datasheet HTML 3Page - LOGIC Devices Incorporated L10C11 Datasheet HTML 4Page - LOGIC Devices Incorporated L10C11 Datasheet HTML 5Page - LOGIC Devices Incorporated L10C11 Datasheet HTML 6Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DEVICES INCORPORATED
L10C11
4/8-bit Variable Length Shift Register
Pipeline Registers
03/27/2000–LDS.11-L
3
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
L10C11–
30*
25*
20*
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tPD
Output Delay
30
25
20
tPW
Clock Pulse Width
15
12
12
tSD
Data Setup Time
25
10
10
tHD
Data Hold Time
2
2
0
tSL
L3-0, MODE Setup Time
25
10
10
tHL
L3-0, MODE Hold Time
2
2
0
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
L10C11–
25*
20
15
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tPD
Output Delay
25
20
15
tPW
Clock Pulse Width
15
12
10
tSD
Data Setup Time
20
10
8
tHD
Data Hold Time
2
0
0
tSL
L3-0, MODE Setup Time
20
10
8
tHL
L3-0, MODE Hold Time
2
0
0
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
SWITCHING CHARACTERISTICS
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
SWITCHING WAVEFORMS
tSL
CLK
tSD
tHD
tHL
tPW
tPW
tPD
D7-0
L3-0
Y7-0
MODE
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com