Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF2301 Datasheet(PDF) 7 Page - LOGIC Devices Incorporated

Part # LF2301
Description  Image Resampling Sequencer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2301 Datasheet(HTML) 7 Page - LOGIC Devices Incorporated

Back Button LF2301 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 9Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 10Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 11Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DEVICES INCORPORATED
Video Imaging Products
2-7
LF2301
Image Resampling Sequencer
08/16/2000–LDS.2301-H
Static Filter
Static filtering at real-time video
rates can be performed as shown in
Figure 5. This mode is selected by
loading M1-0 with “00” for a clock-
wise spiral walk. A counterclock-
wise spiral walk could be selected
by loading M1-0 with “10.” In this
example, a static filter with a kernel
size of 3 x 3 pixels is desired. Load-
ing K3-0 with “0010” selects a kernel
size of 3 x 3. The first pixel selected
is determined by x0 and y0. In this
example, the first pixel is (6,6). In
this case, the LF2301s should ad-
dress consecutive pixels during each
spiral walk. For this to occur, FOV
must be set to 1 (F2-0 loaded with
“001”).
After the last pixel of a spiral walk
has been selected, the next pixel
address is determined by adding
dx/du to the current X address and
by adding dy/du to the current Y
address (unless the kernel just
completed was the last for that line).
At the end of the first spiral walk,
pixel (7,5) is addressed. Since the
first pixel of the next spiral walk
should be (7,6), dx/du is selected to
be 0 and dy/du is selected to be 1.
After the last pixel of the last spiral
walk on the first line has been
selected, the first pixel address of
the second line is determined by
adding dx/dv to x0 and by adding
dy/dv to y0. Since the first pixel of
the first spiral walk on the second
line should be (6,7), dx/dv is
selected to be 0 and dy/dv is se-
lected to be 1. Second order differ-
ential terms are not used in this
filter and are therefore set to 0.
UMIN and VMIN are both selected
to be 6. UMAX and VMAX are both
selected to be 7. Table 5 shows the
values loaded into all Parameter
Registers. Table 6 shows the ITS
outputs for the 3 x 3 static filter.
TABLE 5. PARAMETER REGISTERS
ADDR
Row (HEX) Column (HEX)
0000
000
000
0001
FFF
FFF
0010
0C0
0C0
0011
000
100
0100
000
000
0101
100
101
0110
000
000
0111
200
201
1000
000
000
1001
000
000
1010
000
000
1011
000
000
1100
000
000
1101
000
000
1110
006
006
1111
007
007
1 = 1st pixel of 1st spiral walk,
2 = 1st pixel of 2nd spiral walk, etc.
4
6789
5
6
7
8
12
5
FIGURE 5. 3
××××× 3 STATIC FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com