Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF3304 Datasheet(PDF) 3 Page - LOGIC Devices Incorporated

Part # LF3304
Description  Dual Line Buffer/FIFO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3304 Datasheet(HTML) 3 Page - LOGIC Devices Incorporated

  LF3304 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3304 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3304 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3304 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3304 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3304 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3304 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3304 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3304 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DEVICES INCORPORATED
Video Imaging Products
3
LF3304
Dual Line Buffer/FIFO
08/16/2000–LDS.3304-F
RWB — Reset Write B
See RWA Description.
RRB — Reset Read B
See RRA description.
OEA — Output Enable A
When OEA is LOW, AOUT11-0 is
enabled for output. When OEA is
HIGH, AOUT11-0 is placed in a high-
impedence state.
OEB — Output Enable B
When OEB is LOW, BOUT11-0 is
enabled for output. When OEB is
HIGH, BOUT11-0 is placed in a high-
impedence state.
Outputs
AOUT11-0 — Data Output A
AOUT11-0 is the 12-bit registered
data output port.
BOUT11-0 — Data Output B
BOUT11-0 is the 12-bit registered
data output port.
FIFO MODE
SIGNAL DEFINITIONS
Power
VCC and GND
+3.3 V power supply. All pins must be
connected.
Clocks
WCLKA — Write Clock A
Data present on AIN11-0 is written
into the LF3304 on the rising edge of
WCLKA when the device is configured
for writing.
RCLKA — Read Clock A
Data is read from the LF3304 and
presented on the output port (AOUT11-0)
after tD has elapsed from the rising
edge of RCLKA when the device is
configured for reading and the output
port is enabled. WCLKA and RCLKA
can be tied together and driven by the
same external clock or they may be
controlled by separate external clocks.
WCLKB — Write Clock B
Data present on BIN11-0 is written into
the LF3304 on the rising edge of
WCLKB when the device is configured
for writing.
RCLKB — Read Clock B
Data is read from the LF3304 and
presented on the output port (BOUT11-0)
after tD has elapsed from the rising
edge of RCLKB when the device is
configured for reading and the output
port is enabled. WCLKB and RCLKB
can be tied together and driven by the
same external clock or they may be
controlled by separate external clocks.
Inputs
AIN11-0 — Data Input A
AIN11-0 is the 12-bit registered data
input port.
BIN11-0 — Data Input B
BIN11-0 is the 12-bit registered data
input port.
ADDRA — Address A
If LDA is LOW, on the rising edge of
WCLKA data present on AIN11-0 is
written into the PAFA or PAEA register
depending on ADDRA (see Table 2).
The LSB, AIN0, corresponds to the LSB
of PAFA and PAEA registers. The MSB,
AIN11, corresponds to the MSB of PAFA
andPAEAregisters.
ADDRB — Address B
If LDB is LOW, on the rising edge of
WCLKB data present on BIN11-0 is
written into the PAFB or PAEB register
depending on ADDRB (see Table 2).
The LSB, BIN0, corresponds to the LSB
of PAFB and PAEB registers. The MSB,
BIN11, corresponds to the MSB of PAFB
and PAEB registers.
MODE1-0 — Mode Select
Themodeselectinputsdeterminethe
operating mode of the LF3304 (Table 1) for
data being input on the next clock cycle.
Whenswitchingbetweenmodes,the
internal pipeline latencies of the device
mustbeobserved. Afterswitching
operatingmodes,eithertheusermust
allow enough clock clycles to pass to flush
the internal RAM Array or RWx and RRx
mustbedrivenLOWtogetherbeforevalid
data will appear on the outputs.
LENGTH — Non-Flag Pins
In FIFO Mode, the unused LENGTH pins
(LENGTH11, LENGTH10, LENGTH5,
LENGTH4) must be tied LOW.
Controls
LDA — RAM Array A Load
When LDA is LOW, data on AIN11-0 is
latched in the LF3304 on the rising edge
of WCLKA.
TABLE 2.
LOADING PROGRAMMABLE FLAG REGISTERS
ADDRA
ADDRB
LDA
LDB
WCLKA
WCLKB
Operation
0
x
0
x
x
PAEA Register
1
x
0
x
x
PAFA Register
x
0
x
0
x
PAEB Register
x
1
x
0
x
PAFB Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com