Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMU8UPC35 Datasheet(PDF) 6 Page - LOGIC Devices Incorporated

Part # LMU8UPC35
Description  8 x 8-bit Parallel Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU8UPC35 Datasheet(HTML) 6 Page - LOGIC Devices Incorporated

  LMU8UPC35 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU8UPC35 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU8UPC35 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU8UPC35 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU8UPC35 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU8UPC35 Datasheet HTML 6Page - LOGIC Devices Incorporated LMU8UPC35 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DEVICES INCORPORATED
LMU08/8U
8 x 8-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.08/8U-R
6
Plastic DIP
(P3)
LMU08PC35
40-pin — 0.6" wide
LMU08 — ORDERING INFORMATION
44-pin
0°C to +70°C — COMMERCIAL SCREENING
Plastic J-Lead
Chip Carrier (J1)
LMU08JC50
LMU08JC35
Speed
50 ns
35 ns
–55°C to +125°C — MIL-STD-883 COMPLIANT
–55°C to +125°C — COMMERCIAL SCREENING
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
R10
R9
R8
CLK R
OEM
OEL
(R7) RSL
R6
R5
R4
R3
R2
R1
R0
A0
A1
A2
A3
A4
A5
R11
R12
R13
R14
RSM (R15)
BS (B7)
B6
B5
GND
B4
VCC
B3
B2
B1
B0
RND
CLK B
CLK A
AS (A7)
A6
41
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
44
Top
View
1
42
43
18
23 24 25 26 27
40
6
28
2
53
4
19 20 21 22
NC
BS (B7)
B6
B5
GND
B4
VCC
B3
B2
B1
B0
OEL
(R7) RSL
R6
R5
R4
R3
R2
R1
R0
A0
NC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com