Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPR520 Datasheet(PDF) 3 Page - LOGIC Devices Incorporated

Part # LPR520
Description  4 x 16-bit Multilevel Pipeline Register
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LPR520 Datasheet(HTML) 3 Page - LOGIC Devices Incorporated

  LPR520 Datasheet HTML 1Page - LOGIC Devices Incorporated LPR520 Datasheet HTML 2Page - LOGIC Devices Incorporated LPR520 Datasheet HTML 3Page - LOGIC Devices Incorporated LPR520 Datasheet HTML 4Page - LOGIC Devices Incorporated LPR520 Datasheet HTML 5Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DEVICES INCORPORATED
LPR520
4 x 16-bit Multilevel Pipeline Register
Pipeline Registers
08/02/2000–LDS.P520-C
3
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
SWITCHING CHARACTERISTICS
LPR520–
30*
24*
18*
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tPD
Clock to Output Delay
30
24
18
tSEL
Select to Output Delay
30
22
18
tPW
Clock Pulse Width
15
10
9
tSI
Instruction Setup Time
15
10
8
tHI
Instruction Hold Time
5
3
2
tSD
Data Setup Time
15
10
8
tHD
Data Hold Time
5
3
2
tENA
Three-State Output Enable Delay (Note 11)
25
22
16
tDIS
Three-State Output Disable Delay (Note 11)
20
16
13
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
SWITCHING WAVEFORMS
LPR520–
25*
22
15*
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tPD
Clock to Output Delay
25
22
15
tSEL
Select to Output Delay
25
20
15
tPW
Clock Pulse Width
10
10
8
tSI
Instruction Setup Time
13
10
6
tHI
Instruction Hold Time
3
3
1
tSD
Data Setup Time
13
10
6
tHD
Data Hold Time
3
3
1
tENA
Three-State Output Enable Delay (Note 11)
25
21
15
tDIS
Three-State Output Disable Delay (Note 11)
25
15
12
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
HIGH IMPEDANCE
tENA
tDIS
tPW
tSI
tSD
D15-0
CLK
OE
tPD
tHD
tHI
tPW
tSEL
I1-0
S1-0
Y15-0
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com