Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6105 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6105
Description  Precision, Extended Input Range Current Sense Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6105 Datasheet(HTML) 2 Page - Linear Technology

  LT6105_15 Datasheet HTML 1Page - Linear Technology LT6105_15 Datasheet HTML 2Page - Linear Technology LT6105_15 Datasheet HTML 3Page - Linear Technology LT6105_15 Datasheet HTML 4Page - Linear Technology LT6105_15 Datasheet HTML 5Page - Linear Technology LT6105_15 Datasheet HTML 6Page - Linear Technology LT6105_15 Datasheet HTML 7Page - Linear Technology LT6105_15 Datasheet HTML 8Page - Linear Technology LT6105_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT6105
2
6105fa
ABSOLUTE MAXIMUM RATINGS
Differential Input Voltage (+IN – –IN).....................±44V
Input Voltage V(+IN, –IN) to V– ................ –9.5V to 44V
Total V+ Supply Voltage from V–...............................36V
Output Voltage ......................................V– to (V– + 36V)
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4)
LT6105C...............................................–40°C to 85°C
LT6105I................................................–40°C to 85°C
LT6105H ............................................–40°C to 125°C
(Notes 1, 2)
TOP VIEW
+IN
NC
VOUT
–IN
V+
V–
DCB PACKAGE
6-LEAD (2mm
3mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 150°C, θJA = 64°C/W
EXPOSED PAD (PIN 7) CONNECTED TO V – (PIN 3)
1
2
3
4
–IN
V+
NC
V–
8
7
6
5
+IN
NC
NC
VOUT
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 250°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6105CDCB#TRMPBF
LT6105IDCB#TRMPBF
LT6105HDCB#TRMPBF
LT6105CDCB#TRPBF
LT6105IDCB#TRPBF
LT6105HDCB#TRPBF
LCTF
LCTF
LCTF
6-Lead (2mm
× 3mm) Plastic DFN
6-Lead (2mm
× 3mm) Plastic DFN
6-Lead (2mm
× 3mm) Plastic DFN
0°C to 70°C
–40°C to 85°C
–40°C to 125°C
LT6105CMS8#PBF
LT6105IMS8#PBF
LT6105HMS8#PBF
LT6105CMS8#TRPBF
LT6105IMS8#TRPBF
LT6105HMS8#TRPBF
LTCTD
LTCTD
LTCTD
8-Lead Plastic MS8
8-Lead Plastic MS8
8-Lead Plastic MS8
0°C to 70°C
–40°C to 85°C
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Specified Temperature Range (Note 5)
LT6105C................................................... 0°C to 70°C
LT6105I................................................–40°C to 85°C
LT6105H ............................................–40°C to 125°C
Maximum Junction Temperature........................... 150°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP ............................................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com