Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1F4 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # 1F4
Description  1A FAST RECOVERY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1F4 Datasheet(HTML) 1 Page - Leshan Radio Company

  1F4 Datasheet HTML 1Page - Leshan Radio Company 1F4 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
12A–1/2
1A
1A FAST RECOVERY DIODES
1F1
1F2
1F3
1F4
1F5
1F6
1F7
TYPE
Maximum
Peak Reverse
Voltage
Maximum Average
Rectified Current
@ Half-Wave
Resistive Load 60Hz
Maximum
Forward Peak
Surge Current @
8.3ms Superimposed
Maximum
Reverse
Current @ PRV
@ T
A=25ºC
Maximum
Forward
Voltage
@ T
A=25ºC
Package
Dimensions
Maximum
Reverse
Recovery Time
1.0
Trr
I F = 0.5A, I R = 1.0A, I RR = 0.25A
Trr Test Conditions: I F = 0.5A, I R = 1.0A, I RR = 0.25A
50
100
200
400
600
800
1000
PRV
V PK
I O @ T L
AAV
ºC
I FM (Surge)
A PK
I R
µAdc
I FM
V FM
A PK
V PK
Trr
ns
1F1 – 1F7
25
25
5.0
1.0
1.3
150
150
150
150
250
500
500
R – 1
.787(20.0)
MIN
.126(3.2)
.106(2.7)
.025(0.65)
DIA
.021(0.55)
.787(20.0)
MIN
.102(2.6)
DIA
.091(2.3)
R – 1


Similar Part No. - 1F4

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1F4 PANJIT-1F4 Datasheet
57Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
1F4 RECTRON-1F4 Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER
logo
Dc Components
1F4 DCCOM-1F4 Datasheet
409Kb / 2P
TECHNICAL SPECIFICATIONS OF MINIATURE FAST RECOVERY RECTIFIER
logo
Formosa MS
1F4 FORMOSA-1F4 Datasheet
33Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
1F4 GOOD-ARK-1F4 Datasheet
155Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
More results

Similar Description - 1F4

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N4933 LRC-1N4933 Datasheet
56Kb / 2P
1A FAST RECOVERY DIODES
1N4933E LRC-1N4933E Datasheet
55Kb / 2P
1A FAST RECOVERY DIODES
BA157 LRC-BA157 Datasheet
73Kb / 2P
1A FAST RECOVERY DIODES
EFM101 LRC-EFM101 Datasheet
57Kb / 2P
1A FAST RECOVERY SMA DIODES
FFM101 LRC-FFM101 Datasheet
53Kb / 2P
1A FAST RECOVERY SMA DIODES
FM4933 LRC-FM4933 Datasheet
58Kb / 2P
1A FAST RECOVERY SMA DIODES
FR101 LRC-FR101 Datasheet
52Kb / 2P
1A FAST RECOVERY DIODES
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
Fast recovery diodes
logo
Shenzhen Luguang Electr...
ZK200A LUGUANG-ZK200A Datasheet
2Mb / 1P
FAST RECOVERY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com