Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30622SFP Datasheet(PDF) 28 Page - Mitsubishi Electric Semiconductor

Part # M30622SFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622SFP Datasheet(HTML) 28 Page - Mitsubishi Electric Semiconductor

Back Button M30622SFP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M30622SFP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M30622SFP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M30622SFP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M30622SFP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M30622SFP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M30622SFP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M30622SFP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M30622SFP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 276 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Processor Mode
28
Figure 1.9.1. Processor mode register 0 and 1
Processor mode register 0 (Note 1)
Symbol
Address
When reset
PM0
000416
0016 (Note 2)
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
0 0: Single-chip mode
0 1: Memory expansion mode
1 0: Inhibited
1 1: Microprocessor mode
b1 b0
PM03
PM01
PM00
Processor mode bit
PM02
R/W mode select bit
0 : RD,BHE,WR
1 : RD,WRH,WRL
Software reset bit
The device is reset when this bit is set
to “1”. The value of this bit is “0” when
read.
PM04
0 0 : Multiplexed bus is not used
0 1 : Allocated to CS2 space
1 0 : Allocated to CS1 space
1 1 : Allocated to entire space (Note4)
b5 b4
Multiplexed bus space
select bit
PM05
PM06
PM07
Port P40 to P43 function
select bit (Note 3)
0 : Address output
1 : Port function
(Address is not output)
BCLK output disable bit
0 : BCLK is output
1 : BCLK is not output
(Pin is left floating)
Note 1: Set bit 1 of the protect register (address 000A16) to “1” when writing new
values to this register.
Note 2: If the VCC voltage is applied to the CNVSS, the value of this register when
reset is 0316. (PM00 and PM01 both are set to “1”.)
Note 3: Valid in microprocessor and memory expansion modes.
Note 4: If the entire space is of multiplexed bus in memory expansion mode, choose an 8-
bit width.The processor operates using the separate bus after reset is revoked, so the entire
space multiplexed bus cannot be chosen in microprocessor mode.
The higher-order address becomes a port if the entire space multiplexed bus is chosen, so
only 256 bytes can be used in each chip select.
Processor mode register 1 (Note 1)
Symbol
Address
When reset
PM1
000516
00000XX02
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns
out to be indeterminate.
Reserved bit
Must always be set to “0”
0
Note 1: Set bit 1 of the protect register (address 000A16) to “1” when writing new values to this register.
Note 2: Be sure to set this bit to 0 except products whose RAM size and ROM size exceed 15K bytes
and 192K bytes respectively.
In using M30624MG/FG, a product having a RAM of more than 15K bytes and a ROM of more
than 192K bytes, set this bit to 1 at the beginning of user program.
Specify D000016 or a subsequent address, which becomes an internal ROM area if PM13 is set
to “0” at the time reset is revoked, for the reset vector table of user program.
Note 3: With the processor running in memory expansion mode or in microprocessor mode, setting this
bit provides the means of expanding the external memory area. (Normal mode: up to 1M byte,
expansion mode 1: up to 1.2 M bytes, expansion mode 2: up to 4M bytes)
For details, see “Memory space expansion functions”.
PM17
Wait bit
0 : No wait state
1 : Wait state inserted
Memory area
expansion bit (Note 3)
0 0 : Normal mode
(Do not expand)
0 1 : Inhibited
1 0 : Memory area expansion
mode 1
1 1 : Memory area expansion
mode 2
b5 b4
PM15
PM14
Reserved bit
Must always be set to “0”
0
Internal reserved area
expansion bit (Note 2)
PM13
0: The same internal reserved
area as that of M16C/60 and
M16C/61 group
1: Expands the internal RAM area
and internal ROM area to 23 K
bytes and to 256K bytes
respectively. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com