Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSHDD16-40C Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSHDD16-40C
Description  SCHOTTKY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSHDD16-40C Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSHDD16-40C Datasheet HTML 1Page - Central Semiconductor Corp CSHDD16-40C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSHDD16-40C
CSHDD16-100C
CSHDD16-60C
CSHDD16-200C
SURFACE MOUNT SILICON
DUAL, COMMON CATHODE
SCHOTTKY RECTIFIERS
16 AMP, 40 THRU 200 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSHDD16-40C
series devices are silicon Schottky rectifiers designed
for surface mount applications requiring a low forward
voltage drop.
MARKING:
CSHDD16-40C:
CSHDD16-40C
or CSHDD16-40
CSHDD16-60C:
CSHDD16-60C
or CSHDD16-60
CSHDD16-100C: CSHDD16-100C or CSHDD16-100
CSHDD16-200C: CSHDD16-200C or CSHDD16-200
FEATURES:
• High reliability
• Low forward voltage
• High current capability
• High surge capacity
• UL flammability classification 94V-O
• Superior lot to lot consistency
• Low power loss, high effeciency
• High voltage
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CSHDD16
SYMBOL
-40C
-60C
-100C
-200C
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
60
100
200
V
DC Blocking Voltage
VR
40
60
100
200
V
RMS Reverse Voltage
VR(RMS)
28
42
70
140
V
Average Forward Current (TL=75°C)
IO
16
A
Peak Forward Surge Current, tp=8.3ms
IFSM
150
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
Typical Thermal Resistance
ΘJL
2.0
°C/W
Typical Thermal Resistance
ΘJA
50
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
CSHDD16
-40C
-60C
-100C
-200C
SYMBOL
TEST CONDITIONS
TYP MAX
TYP MAX
TYP MAX
TYP MAX
UNITS
IR
VR=Rated VRRM
-
50
-
50
-
50
-
50
μA
IR
VR=Rated VRRM, TJ=100°C
-
20
-
20
-
20
-
20
mA
VF
IF=8.0A
-
0.7
-
0.75
-
0.8
-
0.9
V
VF
IF=16A
-
0.84
-
0.95
-
1.10
-
1.2
V
CJ
VR=4.0V, f=1.0MHz
300
-
300
-
300
-
300
-
pF
D2PAK CASE
R7 (19-February 2014)
www.centr a lsemi.com


Similar Part No. - CSHDD16-40C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C Datasheet
59Kb / 2P
SILICON SCHOTTKY RECTIFIERS DUAL, COMMON CATHODE 16 AMP, 40 THRU 100 VOLTS
CSHDD16-40C CENTRAL-CSHDD16-40C Datasheet
548Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS 16 AMP
CSHDD16-40C CENTRAL-CSHDD16-40C Datasheet
550Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS 16 AMP, 40 THRU 200 VOLTS
CSHDD16-40C CENTRAL-CSHDD16-40C_10 Datasheet
548Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS 16 AMP
CSHDD16-40C CENTRAL-CSHDD16-40C_12 Datasheet
550Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS 16 AMP, 40 THRU 200 VOLTS
More results

Similar Description - CSHDD16-40C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
Schottky Rectifiers
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Dongguan City Niuhang E...
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
SCHOTTKY RECTIFIERS
1N5817 NIUHANG-1N5817 Datasheet
357Kb / 2P
SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
SCHOTTKY RECTIFIERS
MBR30100DCT NIUHANG-MBR30100DCT Datasheet
373Kb / 3P
SCHOTTKY RECTIFIERS
SR1060 NIUHANG-SR1060 Datasheet
335Kb / 3P
SCHOTTKY RECTIFIERS
logo
Shanghai Leiditech Elec...
SS68C LEIDITECH-SS68C Datasheet
863Kb / 3P
Schottky rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com