Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD32CQ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # MJD32CQ
Description  100V PNP HIGH VOLTAGE TRANSISTOR IN TO252
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MJD32CQ Datasheet(HTML) 5 Page - Diodes Incorporated

  MJD32CQ Datasheet HTML 1Page - Diodes Incorporated MJD32CQ Datasheet HTML 2Page - Diodes Incorporated MJD32CQ Datasheet HTML 3Page - Diodes Incorporated MJD32CQ Datasheet HTML 4Page - Diodes Incorporated MJD32CQ Datasheet HTML 5Page - Diodes Incorporated MJD32CQ Datasheet HTML 6Page - Diodes Incorporated MJD32CQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MJD32CQ
Document number: DS37050 Rev. 1 - 2
5 of 7
www.diodes.com
March 2014
© Diodes Incorporated
MJD32CQ
10
100
1,000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Figure 5 Typical Capacitance Characteristics
Cibo
Cobo
f = 1MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com