Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDTA06 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # MMDTA06
Description  80V DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDTA06 Datasheet(HTML) 6 Page - Diodes Incorporated

  MMDTA06 Datasheet HTML 1Page - Diodes Incorporated MMDTA06 Datasheet HTML 2Page - Diodes Incorporated MMDTA06 Datasheet HTML 3Page - Diodes Incorporated MMDTA06 Datasheet HTML 4Page - Diodes Incorporated MMDTA06 Datasheet HTML 5Page - Diodes Incorporated MMDTA06 Datasheet HTML 6Page - Diodes Incorporated MMDTA06 Datasheet HTML 7Page - Diodes Incorporated MMDTA06 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MMDTA06
Document Number: DS35114 Rev: 2 - 2
6 of 8
www.diodes.com
May 2015
© Diodes Incorporated
MMDTA06
Typical Electrical Characteristics
– Continued (@T
A = +25°C unless otherwise specified.)
100m
1
10
100
1k
100
125
150
175
200
225
250
1
10
100
1000
10000
100000
0.0
0.5
1.0
1.5
2.0
40
60
80
100
120
0.01
0.1
1
1
10
100
0
50
100
150
200
250
V
CE
v I
B
Resistance (k)
Ic = 10mA
f
T
v I
C
Ic = 1mA
Ic = 100mA
T
A
= 25°C
I
B
Base Current (µA)
Collector-Cutoff Current vs T
A
V
CB
=80V
I
C
Collector Current (A)
BV
CER
v R
V
CE
= 5V
I
C
Collector Current (mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com