Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXT2MATA Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXT2MATA
Description  20V PNP LOW SATURATION SWITCHING TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT2MATA Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXT2MATA Datasheet HTML 1Page - Diodes Incorporated ZXT2MATA Datasheet HTML 2Page - Diodes Incorporated ZXT2MATA Datasheet HTML 3Page - Diodes Incorporated ZXT2MATA Datasheet HTML 4Page - Diodes Incorporated ZXT2MATA Datasheet HTML 5Page - Diodes Incorporated ZXT2MATA Datasheet HTML 6Page - Diodes Incorporated ZXT2MATA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ZXT2MA
Document Number: DS35302 Rev. 1 - 2
6 of 7
www.diodes.com
April 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXT2MA
Package Outline Dimensions
Suggested Pad Layout
DFN322
Dim
Min
Max
Typ
A
0.800 1.00 0.850
A1
-
0.050
-
A3
0.153 0.253 0.203
b
0.180 0.300 0.230
D
1.900 2.100 2.000
D2
1.220 1.420 1.320
e
-
-
0.650
E
1.900 2.100 2.000
E2
0.780 0.990 0.880
E4
0.480 0.680 0.580
L
0.300 0.500 0.400
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.65
G
0.20
X
0.35
X1
1.52
Y
0.55
Y1
0.98
Y2
0.47
Y3
0.63
Y4
2.20
D
E
A1
A3
A
D2
E4
E2
L (3x)
b (3x)
e
e
X1
Y3
Y1
Y (2x)
X (3x)
C
C
Y2
Y4
G



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com