Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDF02N20 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # SDF02N20
Description  Rugged and reliable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDF02N20 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SDF02N20 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.samhop.com.tw
Sep,30,2013
2
Ver 1.0
4 Symbol
Min
Typ
Max
Units
BVDSS
200
V
1
IGSS
±100
nA
VGS(th)
2V
gFS
1.3
S
VSD
CISS
183
pF
COSS
30
pF
CRSS
6
pF
Qg
9.5
nC
10
nC
Qgs
15.4
nC
Qgd
5.2
tD(ON)
ns
tr
0.95
ns
tD(OFF)
0.92
ns
tf
ns
Gate-Drain Charge
VDS=25V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=100V
ID=1A
VGS=10V
RGEN= 6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
VDS=100V,ID=1A,VGS=10V
Fall Time
Turn-On Delay Time
ohm
VGS=10V , ID=1A
VDS=10V , ID=1A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=160V , VGS=0V
VGS= ±30V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
4
3.9
b
f=1.0MHz
b
VDS=100V,ID=1A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=1A
1.4
V
2.8
3.0
0.82
3
Notes
a.Drain current limited by maximum junction temperatrue.
b.Guaranteed by design, not subject to production testing.
c.Starting TJ=25°C,L=50mH,VDD = 50V.(See Figure12)
SDP02N20
SDF02N20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com