Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDU620CT Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PDU620CT
Description  6A DUAL ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDU620CT Datasheet(HTML) 4 Page - Diodes Incorporated

  PDU620CT_15 Datasheet HTML 1Page - Diodes Incorporated PDU620CT_15 Datasheet HTML 2Page - Diodes Incorporated PDU620CT_15 Datasheet HTML 3Page - Diodes Incorporated PDU620CT_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS30622 Rev. 4 - 2
4 of 4
PDU620CT
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.
E
E1
b1
A
A2
A2
D
b2
b1
e
L1
L1
E
b1
D
b2
b1
e
D2
L
E2
L1
W
LEFT PIN
RIGHT PIN
TOP VIEW
BOTTOMSIDE
HEAT SINK
PowerDIä5
Dim
Min
Max
A
1.05
1.15
A2
0.33
0.43
b1
0.80
0.99
b2
1.70
1.88
D
3.90
4.05
D2
3.05 NOM
E
6.40
6.60
e
1.84 NOM
E1
5.30
5.45
E2
3.55 NOM
L
0.75
0.95
L1
0.50
0.65
W
1.20
1.50
All Dimensions in mm
Package Outline Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com