Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDUD07N65 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SDUD07N65
Description  Super high dense cell design for low RDS(ON).
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDUD07N65 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SDUD07N65 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDUD07N65 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDUD07N65 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDUD07N65 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDUD07N65 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDUD07N65 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDUD07N65 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDUD07N65 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDUD07N65 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Ver 1.0
www.samhop.com.tw
Nov,25,2014
4
10
0
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
3.6
3.0
2.4
1.8
1.2
0.6
0
125 C
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
20.0
10.0
1.0
5.0
0
0.3
0.6
0.9
1.2
1.5
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
010
20
30
40
50
1800
1500
1200
900
600
300
0
10
8
6
4
2
0
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
ID = 3.5A
75 C
25 C
125 C
75 C
25 C
Ciss
Crss
Coss
VDS = 325V
ID =1A
0
5
10
15
20
SDU/D07N65
Figure 12. Maximum Safe
VDS, Drain-Source Voltage (V)
Operating Area
0.1
1
10
100
1000
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
1
1
0.01
0.1
1
10
1000
10
10
100
10ms
VGS=10V
Single Pulse
TA=25 C
VDS=350V, ID=1A
VGS=10V
TD(on)
Tr
Tf
TD(off)
100
24
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com