Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2103 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # SP2103
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP2103 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  SP2103 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP2103 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP2103 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP2103 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP2103 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP2103 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP2103 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SP2103
www.samhop.com.tw
5
Square Wave Pulse Duration(sec)
Figure 14. Normalized Thermal Transient Impedance Curve
tp
IAS
Figure 13a.
Uncamped Inductive Test Circuit
Unclamped Inductive Waveforms
RG
IAS
0.01
tp
D.U.T
L
VDS
+
-
20V
VDD
Figure 13b.
V(BR)DSS
0.001
0.01
0.1
1
Single Pulse
0.00001
1000
100
10
1
0.1
0.01
0.001
0.0001
P DM
1. R thJA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A =P DM*R JA (t)
4. Duty C ycle, D=t1/t2
th
th
th
t1
t2
0.5
0.2
0.1
0.05
0.02
0.01
Jul,18,2013
Ver 1.3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com