Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD784224 Datasheet(PDF) 2 Page - NEC

Part # UPD784224
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784224 Datasheet(HTML) 2 Page - NEC

  UPD784224 Datasheet HTML 1Page - NEC UPD784224 Datasheet HTML 2Page - NEC UPD784224 Datasheet HTML 3Page - NEC UPD784224 Datasheet HTML 4Page - NEC UPD784224 Datasheet HTML 5Page - NEC UPD784224 Datasheet HTML 6Page - NEC UPD784224 Datasheet HTML 7Page - NEC UPD784224 Datasheet HTML 8Page - NEC UPD784224 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
2
µPD784224, 784225, 784224Y, 784225Y
Data Sheet U12376EJ1V0DS00
ORDERING INFORMATION
Part Number
Package
Internal ROM (Bytes) Internal RAM (Bytes)
µPD784224GC-×××-8BT
80-pin plastic QFP (14
× 14 mm)
96 K
3,584
µPD784224GK-×××-9EUNote
80-pin plastic TQFP (fine pitch) (14
× 20 mm)
96 K
3,584
µPD784225GC-×××-8BT
80-pin plastic QFP (14
× 14 mm)
128 K
4,352
µPD784225GK-×××-9EU
80-pin plastic TQFP (fine pitch) (14
× 20 mm)
128 K
4,352
µPD784224YGC-×××-8BT
80-pin plastic QFP (14
× 14 mm)
96 K
3,584
µPD784224YGK-×××-9EU
80-pin plastic TQFP (fine pitch) (14
× 20 mm)
96 K
3,584
µPD784225YGC-×××-8BTNote 80-pin plastic QFP (14 × 14 mm)
128 K
4,352
µPD784225YGK-×××-9EUNote 80-pin plastic TQFP (fine pitch) (14 × 20 mm)
128 K
4,352
Note Under development
Remark
××× indicates a ROM code suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com