Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC565 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SMC565
Description  Visible LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMC565 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMC565 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMC565 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16.01.2014
SMC565
1 of 2
SMC565
TECHNICAL DATA
Visible LED, SMD
AlGaInP
SMC565 are GaP LEDs mounted on a ceramic SMD package and sealed with silicone resin for
damp proof.
On forward bias, it emits a radiation of typical 0.1 mW at a peak wavelength of 565 nm.
Specifications
(Unit: mm)
• Structure: GaP
• Peak Wavelength: typ. 565 nm
• Optical Output Power: typ. 0.1 mW
• Package: Ceramic SMD, silicone or epoxy resin
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
130
mW
Forward Current
IF
50
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-20 … +80
°C
Storage Temperature
Tstg
-30 … +800
°C
Soldering Temperature *
Tsol
240
°C
* must be completed within 5 seconds
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20 mA
-
2.2
2.4
V
Reverse Current
IR
VR = 5 V
-
-
10
µA
Total Radiated Power
PO
IF = 20 mA
-
0.1
-
mW
Radiation Intensity
IE
IF = 20 mA
-
0.03
-
mW/sr
Brightness
IV
IF = 20 mA
-
30
-
mcd
Peak Wavelength
λ
P
IF = 20 mA
560
565
570
nm
Half Width
Δλ
IF = 20 mA
-
25
-
nm
Viewing Half Angle
Θ
1/2
IF = 20 mA
-
±55
-
deg.
Brightness is measured by Tektronix J-16
Total Radiated Power is measured by Photodyne #500
Radiant Intensity is measured by Tektronix J-6512
Notes
• Do not view directly into the emitting area of the LED during operation!
• The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - SMC565

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SMC560 FCI-SMC560 Datasheet
128Kb / 2P
5 .0 Amp SCHOTTKY BARRIER RECTIFIERS Low Storaged Charge
More results

Similar Description - SMC565

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2010A-UG MARKTECH-MT2010A-UG Datasheet
207Kb / 2P
Visible LED
MTE5066N5J MARKTECH-MTE5066N5J Datasheet
655Kb / 4P
Visible LED
logo
Roithner LaserTechnik G...
LED420 ROITHNER-LED420 Datasheet
1,018Kb / 8P
Visible LED
LED450 ROITHNER-LED450 Datasheet
1,023Kb / 8P
Visible LED
LED590-03 ROITHNER-LED590-03 Datasheet
160Kb / 3P
Visible LED
LED680 ROITHNER-LED680 Datasheet
1Mb / 8P
Visible LED
logo
Marktech Corporate
MTE6066N1 MARKTECH-MTE6066N1_15 Datasheet
645Kb / 4P
Visible LED
logo
Roithner LaserTechnik G...
SMC780 ROITHNER-SMC780 Datasheet
149Kb / 2P
Visible LED
SMT720 ROITHNER-SMT720 Datasheet
304Kb / 4P
Visible LED
logo
Elite Enterprises (H.K....
HT-650 ELITE-HT-650 Datasheet
389Kb / 2P
Visible LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com