Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT720 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SMT720
Description  Visible LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMT720 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMT720 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMT720 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMT720 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SMT720 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
16.06.2011
SMT720
1 of 4
SMT720
TECHNICAL DATA
Visible LED, SMT
AlGaAs
SMT720 is a AlGaAs LED mounted on the lead frame as TOP LED package and sealed with epoxy resin for
damp proof. On forward bias, it emits a radiation of typical 8 mW at a peak wavelength of 720 nm.
Specifications
• Structure: AlGaAs
• Peak Wavelength: typ. 720 nm
• Optical Output Power: typ. 8 mW
• Package: PPA resin, epoxy resin
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
100
mW
Forward Current
IF
50
mA
Pulse Forward Current**
IFP
200
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-20 … +80
°C
Storage Temperature
Tstg
-30 … +80
°C
Soldering Temperature *
Tsol
240
°C
* must be completed within 5 seconds
** max duty cycle 1%, max puls width 10µs
(Unit: mm)
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 50 mA
-
1.90
2.30
V
Reverse Current
IR
VR = 5 V
-
-
10
µA
Total Radiated Power*
PO
IF = 50 mA
4.0
8.0
-
mW
Radiation Intensity
IE
IF = 50 mA
2.0
5.0
-
mW/sr
Peak Wavelength
λ
P
IF = 50 mA
-
720
-
nm
Half Width
Δλ
IF = 50 mA
-
20
-
nm
Viewing Half Angle
Θ
1/2
IF = 50 mA
-
±55
-
deg.
Rise Time
tR
IF = 50 mA
80
ns
Fall Time
tF
IF = 50 mA
80
ns
Total Radiated Power is measured by Photodyne #500
Radiant Intensity is measured by Tektronix J-6512
Notes
• Do not view directly into the emitting area of the LED during operation!
• The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - SMT720

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMT720 ETC2-SMT720 Datasheet
29Kb / 1P
High Performance Infrared TOP IR LED
More results

Similar Description - SMT720

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2010A-UG MARKTECH-MT2010A-UG Datasheet
207Kb / 2P
Visible LED
MTE5066N5J MARKTECH-MTE5066N5J Datasheet
655Kb / 4P
Visible LED
logo
Roithner LaserTechnik G...
LED420 ROITHNER-LED420 Datasheet
1,018Kb / 8P
Visible LED
LED450 ROITHNER-LED450 Datasheet
1,023Kb / 8P
Visible LED
LED590-03 ROITHNER-LED590-03 Datasheet
160Kb / 3P
Visible LED
LED680 ROITHNER-LED680 Datasheet
1Mb / 8P
Visible LED
logo
Marktech Corporate
MTE6066N1 MARKTECH-MTE6066N1_15 Datasheet
645Kb / 4P
Visible LED
logo
Roithner LaserTechnik G...
SMC565 ROITHNER-SMC565 Datasheet
230Kb / 2P
Visible LED
SMC780 ROITHNER-SMC780 Datasheet
149Kb / 2P
Visible LED
logo
Elite Enterprises (H.K....
HT-650 ELITE-HT-650 Datasheet
389Kb / 2P
Visible LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com