Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVLED365-SMD Datasheet(PDF) 4 Page - Roithner LaserTechnik GmbH

Part # UVLED365-SMD
Description  365 nm SMD UVLED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVLED365-SMD Datasheet(HTML) 4 Page - Roithner LaserTechnik GmbH

  UVLED365-SMD Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVLED365-SMD Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVLED365-SMD Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVLED365-SMD Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVLED365-SMD Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVLED365-SMD Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
18.08.2010
uvled365_smd.doc
4 of 6
Reliability
1. Test items and result
No.
Test Item
Standard Test
Methode
Test Conditions
Note
Sample
s
Passed
1
Steady State
Operating Life
IF=25mA, Ta=25°C
1000 Hr
50
50/50
2
High Temp. Steady
State Operating Life
IF=7.5mA, Ta=85°C
1000 Hr
50
50/50
3
High Temp. High
Humidity Steady
State
Ta=60°C, RH=90%, IF=20mA
500 Hr
50
50/50
4
Low Temp. Steady
State Operating Life
IF=20mA, Ta=-30°C
1000 Hr
50
50/50
5
Reflow Soldering
JEITA ED-4701
330 301
Tsol=260 ± 5°C, 10sec
2 Times
50
50/50
6
Reflow Solderability
JEITA ED-4701
330 303
Tsol=215 ± 5°C, 3sec
1 Time
>95%
50
50/50
7
Themal Shock
JEITA ED-4701
330 307
0°C … +100°C (15 s)
20
cycles
50
50/50
8
Temperature Cycle
JEITA ED-4701
100 105
-40°C ~ 25°C ~ 100°C ~ 25°C
30min. 5min. 30min. 5min.
100
cycles
50
50/50
9
Moisture
Resistance Cycle
JEITA ED-4701
200 203
25°C ~ 65°C ~ -10°C
90%RH 24hrs./1 cycle
10
cycles
50
50/50
10
High Temperature
Storage
JEITA ED-4701
200 201
Ta=100°C
1000 Hr
50
50/50
11
Low Temperature
Storage
JEITA ED-4701
200 202
Ta=-40°C
1000 Hr
50
50/50
12
Vibration
JEITA ED-4701
400 403
100 ~ 2k ~ 100HZ sweep 4min.
200m/s², 3directions, 4 cycles
48min
50
50/50
2. Criteria for judging the damage
Criteria for Judgment
Item
Symbol
Test Conditions
Min.
Max.
Forward Voltage
VF
IF=20mA
-
U.S.L x 1.1
Optical Power Ouput
PO
IF=20mA
L.S.L x 0.7
-
* Note:
1. U.S.L: Upper Standard Level
2. L.S.L: Lower Standard Level



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com