Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6202 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6202
Description  Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6202 Datasheet(HTML) 2 Page - Linear Technology

  LT6202_15 Datasheet HTML 1Page - Linear Technology LT6202_15 Datasheet HTML 2Page - Linear Technology LT6202_15 Datasheet HTML 3Page - Linear Technology LT6202_15 Datasheet HTML 4Page - Linear Technology LT6202_15 Datasheet HTML 5Page - Linear Technology LT6202_15 Datasheet HTML 6Page - Linear Technology LT6202_15 Datasheet HTML 7Page - Linear Technology LT6202_15 Datasheet HTML 8Page - Linear Technology LT6202_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT6202/LT6203/LT6204
2
620234fd
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V)..............................12.6V
Input Current (Note 2)......................................... ±40mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4)
LT6202C/LT6203C/LT6204C................–40°C to 85°C
LT6202I/LT6203I/LT6204I ...................–40°C to 85°C
LT6202H/LT6203H............................. –40°C to 125°C
(Note 1)
LT6202
OUT 1
V2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
+IN 3
5 V+
4 –IN
TJMAX = 150°C, θJA = 160°C/W
LT6202
1
2
3
4
8
7
6
5
TOP VIEW
NC
V+
OUT
NC
NC
–IN
+IN
V
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 190°C/W
LT6203
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V
V+
OUT B
–IN B
+IN B
B
A
TJMAX = 150°C, θJA = 43°C/W
UNDERSIDE METAL CONNECTED TO V
LT6203
1
2
3
4
OUT A
–IN A
+IN A
V
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
+
TJMAX = 150°C, θJA = 250°C/W
LT6203
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
OUT A
–IN A
+IN A
V
V+
OUT B
–IN B
+IN B
+
TJMAX = 150°C, θJA = 190°C/W
LT6204
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
NC
+
+
A
D
B
C
TJMAX = 150°C, θJA = 135°C/W
LT6204
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
+
+
A
B
C
D
TJMAX = 150°C, θJA = 150°C/W
Specified Temperature Range (Note 4)
LT6202C/LT6203C/LT6204C.................... 0°C to 70°C
LT6202I/LT6203I/LT6204I ...................–40°C to 85°C
LT6202H/LT6203H............................. –40°C to 125°C
Junction Temperature ........................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com