Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6231 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6231
Description  215MHz, Rail-to-Rail Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6231 Datasheet(HTML) 2 Page - Linear Technology

  LT6231_15 Datasheet HTML 1Page - Linear Technology LT6231_15 Datasheet HTML 2Page - Linear Technology LT6231_15 Datasheet HTML 3Page - Linear Technology LT6231_15 Datasheet HTML 4Page - Linear Technology LT6231_15 Datasheet HTML 5Page - Linear Technology LT6231_15 Datasheet HTML 6Page - Linear Technology LT6231_15 Datasheet HTML 7Page - Linear Technology LT6231_15 Datasheet HTML 8Page - Linear Technology LT6231_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT6230/LT6230-10
LT6231/LT6232
2
623012fc
absoluTe MaxiMuM raTings
Total Supply Voltage (V+ to V)..............................12.6V
Input Current (Note 2)......................................... ±40mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4)....–40°C to 85°C
Specified Temperature Range (Note 5) ....–40°C to 85°C
Junction Temperature ........................................... 150°C
(Note 1)
6 V+
5 ENABLE
4 –IN
OUT 1
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
V2
+IN 3
TJMAX = 150°C, θJA = 250°C/W
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V
V+
OUT B
–IN B
+IN B
+
+
TJMAX = 125°C, θJA = 160°C/W
UNDERSIDE METAL CONNECTED TO V(PCB CONNECTION OPTIONAL)
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
+
+
TJMAX = 150°C, θJA = 200°C/W
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
NC
+
+
A
D
B
C
TJMAX = 150°C, θJA = 135°C/W
pin conFiguraTion
Junction Temperature (DD Package).................... 125°C
Storage Temperature Range .................. –65°C to 150°C
Storage Temperature Range
(DD Package)........................................ –65°C to 125°C
Lead Temperature (Soldering, 10 sec)...................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com