Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT459 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMT459
Description  500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT459 Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMT459_15 Datasheet HTML 1Page - Diodes Incorporated FMMT459_15 Datasheet HTML 2Page - Diodes Incorporated FMMT459_15 Datasheet HTML 3Page - Diodes Incorporated FMMT459_15 Datasheet HTML 4Page - Diodes Incorporated FMMT459_15 Datasheet HTML 5Page - Diodes Incorporated FMMT459_15 Datasheet HTML 6Page - Diodes Incorporated FMMT459_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FMMT459
Document number: DS33089 Rev. 7 - 2
4 of 7
www.diodes.com
March 2014
© Diodes Incorporated
FMMT459
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
500
700
—
V
IC = 100µA
Collector-Emitter Breakdown Voltage
BVCEV
500
700
—
V
IC = 10µA; 0.3V > VBE > -1V
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
450
500
—
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
7
8.1
—
V
IE = 100µA
Emitter-Base Breakdown Voltage (Reverse Blocking)
BVECV
6
8.1
—
V
IC = 1µA; 0.3V > VBC > -6V
Collector Cutoff Current
ICBO
—
<10
100
nA
VCB = 450V
Emitter Cutoff Current
IEBO
—
<10
100
nA
VEB = 5.6V
Collector Emitter Cutoff Current
ICES
—
<10
100
nA
VCE = 450V
Static Forward Current Transfer Ratio (Note 9)
hFE
50
—
120
70
—
—
—
IC = 30mA, VCE = 10V
IC = 50mA, VCE = 10V
Collector-Emitter Saturation Voltage (Note 9)
VCE(sat)
—
—
60
70
75
90
mV
mV
IC = 20mA, IB = 2mA
IC = 50mA, IB = 6mA
Base-Emitter Turn-On Voltage (Note 9)
VBE(on)
—
0.71
0.9
V
IC = 50mA, VCE = 10V
Base-Emitter Saturation Voltage (Note 9)
VBE(sat)
—
0.76
0.9
V
IC = 50mA, IB = 5mA
Output Capacitance
Cobo
—
—
5
pF
VCB = 20V, f = 1MHz
Transition Frequency
fT
50
—
—
MHz
VCE = 20V, IC = 10mA,
f = 20MHz
Turn-On Time
ton
—
113
—
ns
VC = 100V, IC = 50mA
IB1 = 5mA, IB2 = -10mA
Turn-Off Time
toff
—
3450
—
ns
Notes:
9. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com