Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX70GLT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # BCX70GLT1
Description  General Purpose Transistors(NPN Silicon)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCX70GLT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  BCX70GLT1 Datasheet HTML 1Page - Leshan Radio Company BCX70GLT1 Datasheet HTML 2Page - Leshan Radio Company BCX70GLT1 Datasheet HTML 3Page - Leshan Radio Company BCX70GLT1 Datasheet HTML 4Page - Leshan Radio Company BCX70GLT1 Datasheet HTML 5Page - Leshan Radio Company BCX70GLT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
M16–2/6
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
hFE
—
( IC= 10
µAdc, V
CE = 5.0 Vdc )
BCX70G
––
—
BCX70J
40
––
BCX70K
100
––
( IC= 2.0 mAdc, VCE = 5.0 Vdc )
BCX70G
120
220
BCX70J
250
460
BCX70K
380
630
( IC= 50 mAdc, VCE = 1.0 Vdc )
BCX70G
60
—
BCX70J
90
––
BCX70K
100
––
Collector–Emitter Saturation Voltage
V CE(sat)
Vdc
( IC = 50 mAdc, IB = 1.25 mAdc )
—
0.55
( IC = 10 mAdc, IB = 0.25mAdc )
—
0.35
Base–Emitter Saturation Voltage
V BE(sat)
Vdc
( IC = 50 mAdc, IB = 1.25 mAdc )
0.7
1.05
( IC = 50 mAdc, IB = 0.25mAdc )
0.6
0.85
Base–Emitter On Voltage
V BE(on)
0.55
0.75
Vdc
( IC = 2.0 mAdc, V CE = 0.5Vdc )
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
125
—
MHz
(I C = 10mAdc, V CE = 5.0 Vdc, f = 100 MHz)
Output Capacitance
C obo
—
4.5
pF
(V CB = 10 Vdc, I C = 0, f = 1.0 MHz)
Small–Signal Current Gain
hFE
—
(I C = 2.0 mAdc, V CE = 5.0 Vdc, f = 1.0 kHz)
BCX70G
125
250
BCX70J
250
500
BCX70K
350
700
Noise Figure
NF
—
6.0
dB
(V CE= 5.0 Vdc, I C= 0.2 mAdc, RS = 2.0 k
Ω, f = 1.0 kHz, BW = 200 Hz)
SWITCHING CHARACTERISTICS
Turn–On Time
t on
—
150
ns
( I C= 10 mAdc; I B1= 1.0 mAdc )
Turn–Off Time
t off
—
800
ns
( I B2= 1.0 mAdc; V BB =3.6Vdc; R 1 = R 2 = 5.0 k
Ω ; R
L =990
Ω )
BCX70GLT1
BCX70JLT1
BCX70KLT1
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
EQUIVALENT SWITCHING TIME TEST CIRCUITS
*Total shunt capacitance of test jig and connectors
10 k
+3.0 V
275
C
S < 4.0 pF*
10 k
+3.0 V
275
C
S < 4.0 pF*
1N916
300 ns
DUTY CYCLE = 2%
– 0.5 V
10 < t
1 < 500 µs
DUTY CYCLE = 2%
+10.9 V
<1.0 ns
<1.0 ns
+10.9 V
t
1
– 9.1 V
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com