Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8609 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8609
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5A Quiescent Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8609 Datasheet(HTML) 2 Page - Linear Technology

  LT8609_15 Datasheet HTML 1Page - Linear Technology LT8609_15 Datasheet HTML 2Page - Linear Technology LT8609_15 Datasheet HTML 3Page - Linear Technology LT8609_15 Datasheet HTML 4Page - Linear Technology LT8609_15 Datasheet HTML 5Page - Linear Technology LT8609_15 Datasheet HTML 6Page - Linear Technology LT8609_15 Datasheet HTML 7Page - Linear Technology LT8609_15 Datasheet HTML 8Page - Linear Technology LT8609_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT8609
2
8609f
For more information www.linear.com/LT8609
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN, EN/UV, PG..........................................................42V
FB, TR/SS . .................................................................4V
SYNC Voltage .............................................................6V
Operating Junction Temperature Range (Note 2)
LT8609E ................................................ –40 to 125°C
LT8609I ................................................. –40 to 125°C
LT8609H................................................–40 to 150°C
Storage Temperature Range ......................–65 to 150°C
(Note 1)
1
2
3
4
5
BST
SW
INTVCC
RT
SYNC
10
9
8
7
6
EN/UV
VIN
PG
TR/SS
FB
TOP VIEW
11
GND
MSE PACKAGE
10-LEAD PLASTIC MSOP
θJA = 40°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8609EMSE#PBF
LT8609EMSE#TRPBF
LTGRW
10-Lead Plastic MSOP
–40°C to 125°C
LT8609IMSE#PBF
LT8609IMSE#TRPBF
LTGRW
10-Lead Plastic MSOP
–40°C to 125°C
LT8609HMSE#PBF
LT8609HMSE#TRPBF
LTGRW
10-Lead Plastic MSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
2.7
3.0
3.2
V
VIN Quiescent Current
VEN/UV = 0V, VSYNC = 0V
VEN/UV = 2V, Not Switching, VSYNC = 0V
l
1
1.7
4
12
µA
µA
VIN Current in Regulation
VIN = 6V, VOUT = 2.7V, Output Load = 100µA
VIN = 6V, VOUT = 2.7V, Output Load = 1mA
l
l
46
480
90
700
µA
µA
Feedback Reference Voltage
VIN = 6V, ILOAD = 100mA, 25°C
VIN = 6V, ILOAD = 100mA
l
0.778
0.770
0.782
0.782
0.786
0.794
V
V
Feedback Voltage Line Regulation
VIN = 4.0V to 40V, ILOAD = 0.5A, –40°C to 150°C
l
0.02
0.04
%/V
Feedback Pin Input Current
VFB = 1V
l
±20
nA
Minimum On-Time
ILOAD = 1.5A
ILOAD = 1.5A, SYNC = 1.9V
l
l
45
45
75
60
ns
ns
Minimum Off Time
115
ns
Oscillator Frequency
RFSET = 221k, ILOAD = 0.5A
RFSET = 60.4k, ILOAD = 0.5A
RFSET = 18.2k, ILOAD = 0.5A
l
l
l
155
640
1.925
200
700
2.00
245
760
2.075
kHz
kHz
MHz
Top Power NMOS On-Resistance
ILOAD = 1A
185
mΩ
Top Power NMOS Current Limit
l
3.4
4.5
5.7
A
Bottom Power NMOS On-Resistance
115
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com