Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLD2004C Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLD2004C
Description  HIGH VOLTAGE SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLD2004C Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLD2004C Datasheet HTML 1Page - Central Semiconductor Corp CMLD2004C Datasheet HTML 2Page - Central Semiconductor Corp CMLD2004C Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMLD2004
CMLD2004A
CMLD2004C
CMLD2004S
CMLD2004DO
SURFACE MOUNT SILICON
DUAL, HIGH VOLTAGE
SWITCHING DIODES
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLD2004 series
contains two (2) silicon high voltage switching diodes,
manufactured by the epitaxial planar process, epoxy
molded in an SOT-563 surface mount package,
designed for applications requiring high voltage
capability.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
240
V
Peak Repetitive Reverse Voltage
VRRM
300
V
Peak Repetitive Reverse Current
IO
200
mA
Continuous Forward Current
IF
225
mA
Peak Repetitive Forward Current
IFRM
625
mA
Peak Forward Surge Current, tp=1.0μs
IFSM
4.0
A
Peak Forward Surge Current, tp=1.0s
IFSM
1.0
A
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=240V
100
nA
IR
VR=240V, TA=150°C
100
μA
BVR
IR=100μA
300
V
VF
IF=100mA
1.0
V
CJ
VR=0, f=1.0MHz
5.0
pF
trr
IF=IR=30mA, Irr=3.0mA, RL=100Ω
50
ns
The following configurations are available:
CMLD2004
DUAL, ISOLATED
MARKING CODE: 04D
CMLD2004A
DUAL, COMMON ANODE
MARKING CODE: 04A or 4A
CMLD2004C
DUAL, COMMON CATHODE
MARKING CODE: 04C
CMLD2004S
DUAL, IN SERIES
MARKING CODE: 04S
CMLD2004DO
DUAL, ISOLATED OPPOSING
MARKING CODE: 04O
SOT-563 CASE
R7 (15-June 2015)
www.centr a lsemi.com


Similar Part No. - CMLD2004C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLD2004C CENTRAL-CMLD2004C Datasheet
62Kb / 2P
SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
CMLD2004C CENTRAL-CMLD2004C Datasheet
526Kb / 2P
SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
More results

Similar Description - CMLD2004C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS101 PHILIPS-BAS101 Datasheet
66Kb / 11P
High-voltage switching diodes
Rev. 01-8 September 2006
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19 Datasheet
130Kb / 1P
HIGH VOLTAGE SWITCHING DIODES
logo
EIC discrete Semiconduc...
BAS19 EIC-BAS19 Datasheet
109Kb / 2P
HIGH VOLTAGE SWITCHING DIODES
logo
Shenzhen Luguang Electr...
BAS20H LUGUANG-BAS20H Datasheet
226Kb / 2P
High Voltage Switching Diodes
logo
NXP Semiconductors
BAS21AVD NXP-BAS21AVD Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
BAS21VD PHILIPS-BAS21VD_15 Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
BAS21W PHILIPS-BAS21W_15 Datasheet
76Kb / 11P
High-voltage switching diodes
Rev. 01-9 October 2009
BAS101_BAS101S PHILIPS-BAS101_BAS101S_15 Datasheet
126Kb / 11P
High-voltage switching diodes
Rev. 02-14 December 2009
logo
Nanjing International G...
BAV19 DGNJDZ-BAV19 Datasheet
85Kb / 3P
High Voltage Switching Diodes
logo
Diode Semiconductor Kor...
BAS21H DSK-BAS21H Datasheet
244Kb / 3P
High Voltage Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com