Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78C18 Datasheet(PDF) 5 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 5 Page - NEC

  UPD78C18 Datasheet HTML 1Page - NEC UPD78C18 Datasheet HTML 2Page - NEC UPD78C18 Datasheet HTML 3Page - NEC UPD78C18 Datasheet HTML 4Page - NEC UPD78C18 Datasheet HTML 5Page - NEC UPD78C18 Datasheet HTML 6Page - NEC UPD78C18 Datasheet HTML 7Page - NEC UPD78C18 Datasheet HTML 8Page - NEC UPD78C18 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
5
µPD78C17,78C18
CONTENTS
1.
PIN FUNCTIONS ..........................................................................................................................................7
1.1
LIST OF PIN FUNCTION ......................................................................................................................................7
1.2
PIN INPUT/OUTPUT CIRCUITS ..........................................................................................................................9
1.3
PIN MASK OPTIONS .........................................................................................................................................15
1.4
UNUSED PIN CONNECTIONS ..........................................................................................................................15
2.
INTERNAL BLOCK FUNCTIONS ..............................................................................................................16
2.1
REGISTERS .........................................................................................................................................................16
2.2
ARITHMETIC LOGIC UNIT (ALU) .....................................................................................................................17
2.3
PROGRAM STATUS WORD (PSW) .................................................................................................................. 17
2.4
MEMORY ............................................................................................................................................................19
2.5
PORT FUNCTIONS .............................................................................................................................................22
2.6
TIMER ..................................................................................................................................................................31
2.7
TIMER/EVENT COUNTER .................................................................................................................................34
2.8
SERIAL INTERFACE ...........................................................................................................................................41
2.9
ANALOG/DIGITAL CONVERTER ......................................................................................................................52
2.10 ZERO-CROSS DETECTOR .................................................................................................................................55
3.
INTERRUPT FUNCTIONS .........................................................................................................................57
3.1
INTERRUPT CONTROL CIRCUIT CONFIGURATION ...................................................................................... 58
3.2
NON-MASKABLE INTERRUPT OPERATION ...................................................................................................61
3.3
MASKABLE INTERRUPT OPERATION ............................................................................................................63
3.4
INTERRUPT OPERATION BY SOFTI INSTRUCTION ...................................................................................... 64
4.
STANDBY FUNCTIONS ............................................................................................................................65
4.1
HALT MODE .......................................................................................................................................................65
4.2
HALT MODE RELEASE ......................................................................................................................................66
4.3
SOFTWARE STOP MODE .................................................................................................................................68
4.4
SOFTWARE STOP MODE RELEASE ................................................................................................................ 68
4.5
HARDWARE STOP MODE .................................................................................................................................69
4.6
HARDWARE STOP MODE RELEASE ...............................................................................................................70
4.7
LOW SUPPLY VOLTAGE DATA RETENTION MODE ..................................................................................... 71
5.
RESET OPERATIONS ................................................................................................................................72
6.
INSTRUCTION SET ...................................................................................................................................73
6.1
IDENTIFIER/DESCRIPTION OF OPERAND ...................................................................................................... 73
6.2
SYMBOL DESCRIPTION OF INSTRUCTION CODE ........................................................................................ 74
6.3
INSTRUCTION EXECUTION TIME ...................................................................................................................75
7.
LIST OF MODE REGISTERS .....................................................................................................................87
8.
ELECTRICAL SPECIFICATIONS ................................................................................................................88
9.
CHARACTERISTIC CURVES .....................................................................................................................99
10. PACKAGE DRAWINGS ...........................................................................................................................102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com