Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT720 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMT720
Description  40V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT720 Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMT720_15 Datasheet HTML 1Page - Diodes Incorporated FMMT720_15 Datasheet HTML 2Page - Diodes Incorporated FMMT720_15 Datasheet HTML 3Page - Diodes Incorporated FMMT720_15 Datasheet HTML 4Page - Diodes Incorporated FMMT720_15 Datasheet HTML 5Page - Diodes Incorporated FMMT720_15 Datasheet HTML 6Page - Diodes Incorporated FMMT720_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FMMT720
Document Number: DS33238 Rev. 4 - 2
4 of 7
www.diodes.com
January 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT720
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-40
-95
-
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 10)
BVCEO
-40
-85
-
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
-8.8
-
V
IE = -100µA
Collector Cutoff Current
ICBO
-
<1
-100
nA
VCB = -35V
Emitter Cutoff Current
IEBO
-
<1
-100
nA
VEB = -5.6V
Collector Emitter Cutoff Current
ICES
-
<1
-100
nA
VCE= -35V
Static Forward Current Transfer Ratio (Note 10)
hFE
300
480
-
-
IC = -10mA, VCE = -2V
300
450
-
IC = -0.1A, VCE = -2V
180
290
-
IC = -1A, VCE = -2V
60
130
-
IC = -1.5A, VCE = -2V
12
22
-
IC = -3A, VCE = -2V
Collector-Emitter Saturation Voltage (Note 10)
VCE(sat)
-
-26
-40
mV
IC =- 0.1A, IB = -10mA
-
-150
-220
mV
IC = -1A, IB = -50mA
-
-245
-330
mV
IC = -1.5A, IB = -100mA
Base-Emitter Turn-On Voltage(Note 10)
VBE(on)
-
-0.80
-1.0
V
IC = -1.5A, VCE = -2V
Base-Emitter Saturation Voltage(Note 10)
VBE(sat)
-
-0.89
-1.0
V
IC = -1.5A, IB = -75mA
Output Capacitance
Cobo
-
19
25
pF
VCB = -10V, f = 1MHz
Transition Frequency
fT
150
180
-
MHz
VCE = -10V, IC = -50mA,
f = 100MHz
Turn-On Time
ton
-
40
-
ns
VCC = -15V, IC = -0.75A
IB1 = IB2 = -15mA
Turn-Off Time
toff
-
435
-
ns
Notes:
10. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com