Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF8211 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STF8211
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF8211 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STF8211 Datasheet HTML 1Page - SamHop Microelectronics Corp. STF8211 Datasheet HTML 2Page - SamHop Microelectronics Corp. STF8211 Datasheet HTML 3Page - SamHop Microelectronics Corp. STF8211 Datasheet HTML 4Page - SamHop Microelectronics Corp. STF8211 Datasheet HTML 5Page - SamHop Microelectronics Corp. STF8211 Datasheet HTML 6Page - SamHop Microelectronics Corp. STF8211 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Suface Mount Package.
S mHop Microelectronics C orp.
a
Symbol
VDS
VGS
IDM
80
W
A
PD
°C
1.56
-55 to 150
ID
Units
Parameter
20
8
48
°C/W
V
V
±12
TA=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
20V
8A
20.0
@
VGS=2.5V
13.5
@
VGS=4.0V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
c
-Pulsed a
A
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Ambient
R JA
Ver 1.5
www.samhop.com.tw
Jul,18,2014
1
Details are subject to change without notice.
TA=25°C
TA=70°C
A
TA=70°C
W
Dual N-Channel Enhancement Mode Field Effect Transistor
STF8211
Green
Product
ESD Protected.
G1
S1
S1
S1
T
T D
DF
F N
N 2
2X
X 3
3
G2
S2
S2
D1/D2
(Bottom view)
S1
G1
Bottom Drain Contact (D1/D2)
6.4
1.00
P
P IIN
N 1
1
G2
S2
S2
1
2
3
4
5
6
c


Similar Part No. - STF8211

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
STF8200 SMC-STF8200 Datasheet
152Kb / 7P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STF8200 SMCDIODE-STF8200 Datasheet
379Kb / 6P
SCHOTTKY RECTIFIER
Rev. A
logo
SamHop Microelectronics...
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
Super high dense cell design for low RDS(ON).
STF8209 SAMHOP-STF8209 Datasheet
95Kb / 6P
Super high dense cell design for low RDS(ON).
STF8209A SAMHOP-STF8209A Datasheet
92Kb / 6P
Super high dense cell design for low RDS(ON).
More results

Similar Description - STF8211

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD07N65 SAMHOP-SDUD07N65 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SP2106 SAMHOP-SP2106 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP2702 SAMHOP-SP2702 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP3902 SAMHOP-SP3902 Datasheet
118Kb / 7P
Super high dense cell design for low RDS(ON).
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
SP8007 SAMHOP-SP8007 Datasheet
120Kb / 8P
Super high dense cell design for low RDS(ON).
SP8076 SAMHOP-SP8076 Datasheet
85Kb / 6P
Super high dense cell design for low RDS(ON).
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com