Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF8233 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # STF8233
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF8233 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  STF8233 Datasheet HTML 1Page - SamHop Microelectronics Corp. STF8233 Datasheet HTML 2Page - SamHop Microelectronics Corp. STF8233 Datasheet HTML 3Page - SamHop Microelectronics Corp. STF8233 Datasheet HTML 4Page - SamHop Microelectronics Corp. STF8233 Datasheet HTML 5Page - SamHop Microelectronics Corp. STF8233 Datasheet HTML 6Page - SamHop Microelectronics Corp. STF8233 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STF8233
www.samhop.com.tw
Oct,22,2013
6
PACKAGE OUTLINE DIMENSIONS
Ver 2.1
D
PIN #1 DOT
BY MARKING
TOP VIEW
TDFN
( 2 x 3 ) - 6L
E
TDFN
6
1
L
C
F
H
e
PIN #1 ID
CHAMFER 0.300mm
BOTTOM VIEW
A
A1
B
SIDE VIEW
SYMBOLS
MILLIMETERS
INCHES
A
A1
D
E
H
L
e
B
C
F
MIN
MAX
MIN
MAX
0.700
0.800
0.000
0.050
2.950
3.050
1.950
2.050
0.350
0.450
1.450
1.550
1.650
1.750
0.195
0.211
0.200
0.300
0.500 BSC
0.028
0.031
0.000
0.002
0.116
0.120
0.077
0.081
0.014
0.018
0.057
0.061
0.065
0.069
0.008
0.0076
0.008
0.012
0.020 BSC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com