Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK103 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STK103
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STK103 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STK103 Datasheet HTML 1Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 2Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 3Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 4Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 5Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 6Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STK103
www.samhop.com.tw
Jul,13,2011
4
Gate-Source Voltage
Figure 7. On-Resistance vs.
VGS, Gate-Sorce Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VSD, Body Diode Forward Voltage(V)
Figure 9. Capacitance
VDS, Drain-to Source Voltage(V)
Figure 10. Gate Charge
Qg, Total Gate Charge(nC)
Ver 1.1
Figure 12. Maximum Safe
VDS, Drain-Source Voltage (V)
Operating Area
0.1
1
10
100
1
0.1
0.01
RD
S(ON)
Limit
600
500
400
300
200
100
0
0
125 C
75 C
25 C
1.0
0
0.4
0.8
1.2
1.6
2.0
125 C
Crss
Coss
Ciss
600
500
400
300
200
100
0
10
15
20
25
30
0
5
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
110
100
1
10
100
300
VDS=50V,ID=1.0A
VGS=10V
TD(on)
Tr
TD(off )
Tf
10
ID = 1.00A
10
8
6
4
2
VDS =50V
ID = 1.00A
0
3
2
1
0
10
8
6
4
2
8
7
6
5
4
75 C
25 C
5.0
10.0
20.0
VGS =10V
Single Pulse
TA =25C
1m
s
10ms
100m
s
1s
10s
DC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com