Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM201N Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STM201N
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM201N Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STM201N Datasheet HTML 1Page - SamHop Microelectronics Corp. STM201N Datasheet HTML 2Page - SamHop Microelectronics Corp. STM201N Datasheet HTML 3Page - SamHop Microelectronics Corp. STM201N Datasheet HTML 4Page - SamHop Microelectronics Corp. STM201N Datasheet HTML 5Page - SamHop Microelectronics Corp. STM201N Datasheet HTML 6Page - SamHop Microelectronics Corp. STM201N Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STM201N
Ver 1.0
www.samhop.com.tw
Oct,08,2010
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
0.1
1
10
100
10
1
0.1
80
VGS=10V
Single Pulse
TA=25 C
420
350
280
210
140
70
0
2
4
6
8
10
0
125 C
75 C
25 C
20.0
10.0
1.0
0
0.25
0.50
0.75
1.00
1.25
5.0
25 C
125 C
75 C
Ciss
Coss
Crss
900
750
600
450
300
150
0
10
15
20
25
30
0
5
ID=2A
10
8
6
4
2
0
0
1.5 3.0 4.5 6.0 7.5 9.0 10.5 12.0
VDS=50V
ID=2A
1
10
100
1
10
100
300
VDS=50V,ID=1A
VGS=10V
TD(on)
Tr
TD(off )
Tf
DC
10
m
s
1m
s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com