Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6967 Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # STM6967
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM6967 Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

  STM6967 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM6967 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM6967 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM6967 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM6967 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM6967 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM6967 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
STM6967
www.samhop.com.tw
Apr,28,2010
7
SO-8 Tape and Reel Data
SO-8 Carrier Tape
SO-8 Reel
unit:
PACKAGE
SOP 8N
150
A0
B0
K0
D0
D1
E
E1
E2
P0
P1
P2
T
6.50
5.25
2.10
1.5
(MIN)
1.55
12.0
+0.3
- 0.1
1.75
5.5
0.10
8.0
0.10
4.0
0.10
2.0
0.10
0.30
0.013
UNIT:
TAPE SIZE
12
REEL SIZE
330
M
N
W
W1
H
K
S
G
R
V
330
1
62
1.5
12.4
+ 0.2
16.8
- 0.4
12.75
+ 0.15
2.0
0.15
Ver 1.0
A
A
P0
D0
A0
D1
P1
P2
FEEDING DIRECTION
T
K0
SECTION A-A
0.15
0.10
0.10
0.10
0.10
TERMINAL NUMBER 1
W1
W
S
H
G
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com