Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APG2C1-970 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # APG2C1-970
Description  High Power Single Chip LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

APG2C1-970 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  APG2C1-970 Datasheet HTML 1Page - Roithner LaserTechnik GmbH APG2C1-970 Datasheet HTML 2Page - Roithner LaserTechnik GmbH APG2C1-970 Datasheet HTML 3Page - Roithner LaserTechnik GmbH APG2C1-970 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
13.08.2012
APG2C1-970
1 / 4
APG2C1-970
High Power Single Chip LED
APG2C1-970 is a GaAlAs based, high power 970 nm single chip LED in standard emitter package for general
application.
Specifications
•
Structure: GaAlAs
•
Peak Wavelength: 970 nm
•
Optical Output Power: typ. 40 mW
• Life Time: > 10.000 hours
•
Lead free product - RoHS compliant
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Value
Unit
Power Dissipation, DC
PD
1000
mW
Forward Current, DC
IF
500
mA
Pulsed Current (1% duty cycle, 1kHz)
IFP
1000
mA
Reverse Voltage
UR
-5
V
Operating Temperature
Topr
-30 … +70
°C
Storage Temperature
Tstg
-30 … +85
°C
Soldering Temperature (max. 1,5 s)
Tsol
330
°C
Electro-Optical Characteristics (Ta=25°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Current
IF
-
350
-
mA
Viewing Angle
φ
IF = 350 mA
-
±
75
-
deg.
CW Output Power
PO
IF = 350 mA
-
40
-
mW
Peak Wavelength
λ
P
IF = 350 mA
-
970
-
nm
Forward Voltage
UF
IF = 350 mA
-
1.4
-
V
Half Width (FWHM)
Δλ
IF = 350 mA
-
27
-
nm
Rise Time
tr
IF = 350 mA
40
ns
Fall Time
tf
IF = 350 mA
40
ns
Wavelength measurements tolerance is +/- 2%
Output power measurement tolerance is +/- 10%
Voltage measurement tolerance is +/- 2%
Device Materials
Item
Material
Foundation
Plastic
Lens
Acryl
Electrodes
AgCu
Heat Sink
AgCu


Similar Part No. - APG2C1-970

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APG2C1-905 ROITHNER-APG2C1-905 Datasheet
319Kb / 4P
High Power Single Chip LED
APG2C1-920 ROITHNER-APG2C1-920 Datasheet
318Kb / 4P
High Power Single Chip LED
APG2C1-940 ROITHNER-APG2C1-940 Datasheet
338Kb / 4P
High Power Single Chip LED
More results

Similar Description - APG2C1-970

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APG2C1-450 ROITHNER-APG2C1-450 Datasheet
163Kb / 4P
High Power Single Chip LED
APG2C1-515 ROITHNER-APG2C1-515 Datasheet
306Kb / 4P
High Power Single Chip LED
APG2C1-810 ROITHNER-APG2C1-810 Datasheet
314Kb / 4P
High Power Single Chip LED
APG2C1-830 ROITHNER-APG2C1-830 Datasheet
319Kb / 4P
High Power Single Chip LED
APG2C1-905 ROITHNER-APG2C1-905 Datasheet
319Kb / 4P
High Power Single Chip LED
APG2C1-920 ROITHNER-APG2C1-920 Datasheet
318Kb / 4P
High Power Single Chip LED
H2A1-H385 ROITHNER-H2A1-H385 Datasheet
316Kb / 4P
High Power single chip LED
H2A1-H880 ROITHNER-H2A1-H880 Datasheet
277Kb / 4P
High Power single chip LED
H2A1-H920 ROITHNER-H2A1-H920 Datasheet
255Kb / 4P
High Power single chip LED
H2A1-H940 ROITHNER-H2A1-H940 Datasheet
275Kb / 4P
High Power single chip LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com