Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CUN9AF1B Datasheet(PDF) 6 Page - Roithner LaserTechnik GmbH

Part # CUN9AF1B
Description  High power UV LED series are designed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

CUN9AF1B Datasheet(HTML) 6 Page - Roithner LaserTechnik GmbH

Back Button CUN9AF1B Datasheet HTML 2Page - Roithner LaserTechnik GmbH CUN9AF1B Datasheet HTML 3Page - Roithner LaserTechnik GmbH CUN9AF1B Datasheet HTML 4Page - Roithner LaserTechnik GmbH CUN9AF1B Datasheet HTML 5Page - Roithner LaserTechnik GmbH CUN9AF1B Datasheet HTML 6Page - Roithner LaserTechnik GmbH CUN9AF1B Datasheet HTML 7Page - Roithner LaserTechnik GmbH CUN9AF1B Datasheet HTML 8Page - Roithner LaserTechnik GmbH CUN9AF1B Datasheet HTML 9Page - Roithner LaserTechnik GmbH CUN9AF1B Datasheet HTML 10Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
서식Rev: 00
www.seoulviosys.com
www.seoulviosys.com
6
0
100
200
300
400
500
600
700
0
1
2
3
4
5
Forward Volatage [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
250
300
350
400
450
500
Wavelength [nm]
1. Relative Spectral Power Distribution
(IF=500mA, Ta=25℃, RH=30%)
Characteristic Diagrams
2. Forward Current VS Forward Voltage
(Ta=25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com