Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30620ECFS Datasheet(PDF) 22 Page - Mitsubishi Electric Semiconductor

Part # M30620ECFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620ECFS Datasheet(HTML) 22 Page - Mitsubishi Electric Semiconductor

Back Button M30620ECFS Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 26Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 276 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Memory Space Expansion Functions
22
(2) Expansion mode 1
In this mode, the memory space can be expanded by 176K bytes in addition to that in normal mode.
Figure 1.8.2 shows the memory location and chip select area in expansion mode 1.
_______
_______
_______
In accessing data in expansion mode 1, CS3, CS2, and CS1 go active in the area from 0400016 through
_______
2FFFF16; in fetching a program, CS0 goes active. That is, the address space is expanded by using the
________
_______
_______
area from 0400016 through 2FFFF16 (176K bytes) appropriately for accessing data (CS3, CS2, CS1)
_______
and fetching a program (CS0).
Figure 1.8.2. Memory location and chip select area in expansion mode 1
Microprocessor
mode
SFR area
Internal RAM
area
External
area
Internal area reserved
0000016
0040016
XXXXX16
YYYYY16
FFFFF16
D000016
0800016
Memory
expansion mode
SFR area
Internal RAM
area
External area
Internal ROM
area
Internal area reserved
Internal area reserved
CS3(16K bytes)
CS2(128 Kbytes)
CS1(32K bytes)
2800016
3000016
0400016
Expansion mode 1 (memory space = 1.2M bytes for PM15 = 1, PM14 = 0)
CS0
Memory expansion
mode:
816K bytes
Microprocessor mode:
1008K bytes
0400016
to
2FFFF16
3000016
to
FFFFF16
176K bytes
= the extent of memory expanded
CS0:active both in fetching a program
and in accessing data
CS0:active in fetching a program
CS1, CS2, CS3:active in accessing data
Note 1: These memory maps show an instance in which PM13 is set to 0; but in the case of M30624MG/FG, they show an
instance in which PM13 is set to 1.
Note 2: The memory maps in single-chip mode are omitted.
M30622M4
00FFF16
F800016
C000016
053FF16
M30624MG/FG
M30620M8
02BFF16
F000016
E800016
017FF16
M30622MA
E000016
017FF16
M30622MC
M30620MA
E800016
02BFF16
M30622M8/E8
F000016
013FF16
Address XXXXX16
Type No.
Address YYYYY16
M30620MC/EC
E000016
02BFF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com