Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD352 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMBD352
Description  Dual Hot Carrier Mixer Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBD352 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMBD352 Datasheet HTML 1Page - Leshan Radio Company MMBD352 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
MMBD352. 353. 354. 355LT –1/2
1
3
2
MMBD352LT1
CASE
318–08, STYLE 11
SOT– 23 (TO–236AB)
MMBD352LT1
MMBD353LT1
MMBD354LT1
MMBD355LT1
Dual Hot Carrier Mixer Diodes
These devices are designed primarily for UHF mixer applications but are
suitable also for use in detector and ultra–fast switching circuits.
• Very Low Capacitance — Less Than 1.0 pF @ Zero Volts
• Low Forward Voltage — 0.5 Volts (Typ) @ I F = 10 mA
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
V R
7.0
V CC
THERMALCHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board (1)
P D
225
mW
T A = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
P D
300
mW
Alumina Substrate (2) T A = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
T J ,T stg
–55 to +150
°C
DEVICE MARKING
MMBD352LT1 = M5G; MMBD353LT1 = M4F; MMBD354LT1 = M6H; MMBD355LT1 = MJ1
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
M a x
Unit
OFF CHARACTERISTICS
Forward Voltage
V F
0.60
V
(I F = 10 mAdc)
Reverse Voltage Leakage Current
I R
µA
(V R = 3.0 V)
0.25
(V R = 7.0 V)
10
Capacitance
C
1.0
pF
(V R = 0 V, f = 1.0 MHz)
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
1
CATHODE
3
CATHODE/ANODE
2
ANODE
MMBD353LT1
CASE
318–08, STYLE 19
SOT– 23 (TO–236AB)
3
CATHODE
ANODE
1
2
ANODE
2
CATHODE
CATHODE
1
ANODE
3
MMBD355LT1
CASE
318–08, STYLE 12
SOT– 23 (TO–236AB)
MMBD354LT1
CASE
318–08, STYLE 9
SOT– 23
(TO–236AB)
3
CATHODE/ANODE
1
ANODE
2
CATHODE


Similar Part No. - MMBD352

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD352 ONSEMI-MMBD352 Datasheet
41Kb / 4P
Dual Hot Carrier Mixer Diodes
November, 2001 ??Rev. 4
logo
Leshan Radio Company
MMBD352 LRC-MMBD352 Datasheet
48Kb / 2P
Dual Schottky Barrier Diode
logo
Pan Jit International I...
MMBD352 PANJIT-MMBD352 Datasheet
84Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD352 PANJIT-MMBD352 Datasheet
133Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
MMBD352 LUGUANG-MMBD352 Datasheet
237Kb / 2P
Dual Hot Carrier Mixer Diodes
More results

Similar Description - MMBD352

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD352LT1 ONSEMI-MMBD352LT1 Datasheet
41Kb / 4P
Dual Hot Carrier Mixer Diodes
November, 2001 ??Rev. 4
logo
Motorola, Inc
MMBD352LT1 MOTOROLA-MMBD352LT1 Datasheet
60Kb / 4P
Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD352LT1 ONSEMI-MMBD352LT1_06 Datasheet
93Kb / 3P
Dual Hot Carrier Mixer Diodes
September, 2006 ??Rev. 6
MMBD352LT1G ONSEMI-MMBD352LT1G_07 Datasheet
122Kb / 3P
Dual Hot Carrier Mixer Diodes
August, 2009 ??Rev. 7
logo
Shenzhen Luguang Electr...
MMBD352 LUGUANG-MMBD352 Datasheet
237Kb / 2P
Dual Hot Carrier Mixer Diodes
MMBD452 LUGUANG-MMBD452 Datasheet
241Kb / 2P
Dual Hot Carrier Mixer Diodes
logo
Diode Semiconductor Kor...
MMBD352 DSK-MMBD352 Datasheet
229Kb / 3P
Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD352LT1G ONSEMI-MMBD352LT1G Datasheet
127Kb / 3P
Dual Hot Carrier Mixer Diodes
October, 2016 ??Rev. 9
MMBD452LT1G ONSEMI-MMBD452LT1G Datasheet
123Kb / 3P
Dual Hot-Carrier Diodes
October, 2016 ??Rev. 5
logo
Shenzhen Luguang Electr...
MMBD452 LUGUANG-MMBD452_V01 Datasheet
1Mb / 2P
Dual Hot Carrier Mixer Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com