Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H2A1-H365-R4 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # H2A1-H365-R4
Description  High Power single chip LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

H2A1-H365-R4 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  H2A1-H365-R4 Datasheet HTML 1Page - Roithner LaserTechnik GmbH H2A1-H365-R4 Datasheet HTML 2Page - Roithner LaserTechnik GmbH H2A1-H365-R4 Datasheet HTML 3Page - Roithner LaserTechnik GmbH H2A1-H365-R4 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
28.04.2015
H2A1-H365
1 / 4
H2A1-H365-r4
High Power single chip LED
H2A1-H365 is a InGaN based, high power 365 nm single chip LED in standard hexagonal Aluminum package for
general application. Slots in the Aluminum-core PCB allow for easy mounting of standard collimating optics and are
also suitable for M3 or M4 mounting screws. Large electrical interconnection pads on the PCB allow for convenient
installation.
Specifications
•
Structure: InGaN
•
Peak Wavelength: 365 nm
•
Optical Output Power: typ. 270 mW
• Life Time: > 10.000 hours
•
Lead free product - RoHS compliant
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Value
Unit
Power Dissipation, DC
PD
1000
mW
Forward Current, DC
IF
500
mA
Pulsed Current (1% duty cycle, 1kHz)
IFP
1000
mA
Reverse Voltage
UR
-5
V
Operating Temperature
Topr
-30 … +70
°C
Storage Temperature
Tstg
-30 … +85
°C
Soldering Temperature (max. 1,5 s)
Tsol
330
°C
Electro-Optical Characteristics (Ta=25°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Current
IF
350
mA
Viewing Angle
φ
IF = 350 mA
±
75
deg.
CW Output Power (rank 4)
PO
IF = 350 mA
270
mW
Peak Wavelength
λ
P
IF = 350 mA
365
nm
Forward Voltage
UF
IF = 350 mA
3.5
4.2
V
Half Width (FWHM)
Δλ
IF = 350 mA
12
20
nm
Wavelength measurements tolerance is +/- 2%
Output power measurement tolerance is +/- 10%
Voltage measurement tolerance is +/- 2%
Device Materials
Item
Material
foundation
Plastic
Lens
Silicone resin
Electrodes
AgCu
PCB
Al


Similar Part No. - H2A1-H365-R4

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
H2A1-H385 ROITHNER-H2A1-H385 Datasheet
316Kb / 4P
High Power single chip LED
H2A1-H395 ROITHNER-H2A1-H395 Datasheet
263Kb / 4P
High Power single chip LED
More results

Similar Description - H2A1-H365-R4

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APG2C1-450 ROITHNER-APG2C1-450 Datasheet
163Kb / 4P
High Power Single Chip LED
APG2C1-515 ROITHNER-APG2C1-515 Datasheet
306Kb / 4P
High Power Single Chip LED
APG2C1-810 ROITHNER-APG2C1-810 Datasheet
314Kb / 4P
High Power Single Chip LED
APG2C1-830 ROITHNER-APG2C1-830 Datasheet
319Kb / 4P
High Power Single Chip LED
APG2C1-905 ROITHNER-APG2C1-905 Datasheet
319Kb / 4P
High Power Single Chip LED
APG2C1-920 ROITHNER-APG2C1-920 Datasheet
318Kb / 4P
High Power Single Chip LED
APG2C1-970 ROITHNER-APG2C1-970 Datasheet
332Kb / 4P
High Power Single Chip LED
H2A1-H385 ROITHNER-H2A1-H385 Datasheet
316Kb / 4P
High Power single chip LED
H2A1-H880 ROITHNER-H2A1-H880 Datasheet
277Kb / 4P
High Power single chip LED
H2A1-H920 ROITHNER-H2A1-H920 Datasheet
255Kb / 4P
High Power single chip LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com